Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFN26N90 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN26N90
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN26N90 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN26N90 Datasheet HTML 1Page - IXYS Corporation IXFN26N90 Datasheet HTML 2Page - IXYS Corporation IXFN26N90 Datasheet HTML 3Page - IXYS Corporation IXFN26N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN25N90
IXFN26N90
IXYS REF: F_26N90(9X)12-09-08
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure 11. Transient Thermal Resistance
V
SD -
Volts
0.0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
35
40
45
50
Case Temperatue -
oC
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
Pulse W idth - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
V
DS - V o lts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50
100
150
200
250
300
350
0
3
6
9
12
15
Crss
Coss
Ciss
VDS = 500 V
ID = 13 A
IG = 10 mA
f = 1MHz
IXFN26N90
TJ = 125
oC
TJ = 25
oC
0.300
IXFN25N90
20000
Figure 7. Gate Charge
Figure 8. Capacitance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com