Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMM150-0075X2F Datasheet(PDF) 1 Page - IXYS Corporation

Part # FMM150-0075X2F
Description  TrenchT2 HiperFET N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM150-0075X2F Datasheet(HTML) 1 Page - IXYS Corporation

  FMM150-0075X2F Datasheet HTML 1Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 2Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 3Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 4Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 5Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
TrenchT2TM HiperFET
N-Channel Power
MOSFET
Phase Leg Topology
DS100186(08/09)
Symbol
Test Conditions
Characteristic Values
Min.
Typ.
Max.
C
P
Coupling Capacitance Between Shorted
40
pF
Pins and Mounting Tab in the Case
d
S ,dA
Pin - Pin
1.7
mm
d
S ,dA
Pin - Backside Metal
5.5
mm
Weight
9
g
FMM150-0075X2F
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
75
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
75
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
120
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
500
A
I
A
T
C = 25°C
115
A
E
AS
T
C = 25°C
850
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 175°C
20
V/ns
P
D
T
C = 25°C
170
W
Advance Technical Information
Symbol
Test Conditions
Maximum Ratings
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
V
ISOL
50/60H
Z, RMS, t = 1min, Leads-to-Tab
2500
~V
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
20..120 / 4.5..27
N/lb.
V
DSS
= 75V
I
D25
= 120A
R
DS(on) ≤
≤≤≤≤ 5.8mΩ
Ω
Ω
Ω
Ω
t
rr(typ)
= 66ns
T2
3
5
4
1
2
T1
3
5
4
1
2
ISOPLUS i4-PakTM
1
5
Isolated Tab
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
- UL Recognized Package
- Isolated Mounting Surface
- 2500V Electrical Isolation
Avalanche Rated
Low Q
G
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters
Battery Chargers
Switched-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC Motor Drives
Uninterruptible Power Supplies
High Speed Power Switching
Applications


Similar Part No. - FMM150-0075X2F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM150-0075P IXYS-FMM150-0075P Datasheet
45Kb / 2P
Trench Power MOSFET Phaseleg Topology in ISOPLUS i4-PAC
More results

Similar Description - FMM150-0075X2F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FMM110-015X2F IXYS-FMM110-015X2F Datasheet
181Kb / 6P
TrenchT2 HiperFET N-Channel Power MOSFET
IXFA76N15T2 IXYS-IXFA76N15T2 Datasheet
186Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFA110N15T2 IXYS-IXFA110N15T2 Datasheet
210Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFA180N10T2 IXYS-IXFA180N10T2 Datasheet
213Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFA230N075T2-7 IXYS-IXFA230N075T2-7 Datasheet
179Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH150N17T2 IXYS-IXFH150N17T2 Datasheet
186Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH230N075T2 IXYS-IXFH230N075T2 Datasheet
169Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH340N075T2 IXYS-IXFH340N075T2 Datasheet
187Kb / 6P
TrenchT2 HiPerFET Power MOSFET
IXFH400N075T2 IXYS-IXFH400N075T2 Datasheet
194Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH160N15T2 IXYS-IXFH160N15T2 Datasheet
200Kb / 6P
TrenchT2 HiperFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com