Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFP14N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP14N60P
Description  PolarHV HiperFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP14N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP14N60P Datasheet HTML 1Page - IXYS Corporation IXFP14N60P Datasheet HTML 2Page - IXYS Corporation IXFP14N60P Datasheet HTML 3Page - IXYS Corporation IXFP14N60P Datasheet HTML 4Page - IXYS Corporation IXFP14N60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
V
DSS
= 600V
I
D25
= 14A
R
DS(on) ≤
≤≤≤≤ 550m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200ns
DS99389F(12/08)
IXFA14N60P
IXFP14N60P
IXFH14N60P
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C R
GS = 1MΩ
600
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C14
A
I
DM
T
C = 25°C, pulse width limited by TJM
42
A
I
A
T
C = 25°C14
A
E
AS
T
C = 25°C
900
mJ
dV/dt
I
S ≤ IDM, VDD ≤ VDSS ,TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting Torque
(TO-220 & TO-247)
1.13 / 10
Nmlb.in.
F
C
Mounting Force
(TO-263)
10..65 / 2.2..14.6
N/lb.
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 2.5mA
3.0
5.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
500
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
450
550 m
Ω
PolarHVTM HiperFET
Power MOSFET
Features
International standard packages
Avalanche rated
Advantages
Easy to mount
Space savings
High power density
Applications:
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Laser Drivers
AC and DC motor drives
Robotics and servo controls
(TAB)
TO-263
G
S
(TAB)
TO-220
D
G
S
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-247
(TAB)
G
D
S


Similar Part No. - IXFP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP14N60P IXYS-IXFP14N60P Datasheet
338Kb / 7P
Power MOSFET
IXFP14N60P3 IXYS-IXFP14N60P3 Datasheet
282Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results

Similar Description - IXFP14N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com