Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XP1043-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1043-QH
Description  12.0-16.0 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1043-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XP1043-QH Datasheet HTML 1Page - Mimix Broadband XP1043-QH Datasheet HTML 2Page - Mimix Broadband XP1043-QH Datasheet HTML 3Page - Mimix Broadband XP1043-QH Datasheet HTML 4Page - Mimix Broadband XP1043-QH Datasheet HTML 5Page - Mimix Broadband XP1043-QH Datasheet HTML 6Page - Mimix Broadband XP1043-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power Amplifier Measurements
Page 2 of 7
12.0-16.0 GHz Power Amplifier
QFN, 4x4mm
P1043-QH
XP1043-QH: S-parameters (dB) vs. Freq (GHz),
(VDD=7V, ID1=100mA, ID2=200mA, ID3=400mA)
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
10
11
12
13
14
15
16
17
18
Freq (GHz)
S21
S11
S22
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 13-Feb-10
XP1043-QH: Pout (dBm) vs Pin (dBm) at Room Temp.
Vd = 7 V, Iq = 700mA
10
12
14
16
18
20
22
24
26
28
30
32
34
-10 -8 -6 -4 -2
0
2
4
6
8
10 12 14 16 18 20 22
Input Power (dBm)
Pout, Freq = 12.5 GHz
Pout, Freq = 13.0 GHz
Pout, Freq = 13.5 GHz
Pout, Freq = 14.0 GHz
Pout, Freq = 14.5 GHz
Pout, Freq = 15.0 GHz
Pout, Freq = 15.5 GHz
XP1043-QH: Pout (dBm) vs Pin (dBm) at +85 °C.
Vd = 7 V, Iq = 700mA
10
12
14
16
18
20
22
24
26
28
30
32
34
-10 -8 -6 -4 -2
0
2
4
6
8
10 12 14 16 18 20 22
Input Power (dBm)
Pout, Freq = 12.5 GHz
Pout, Freq = 13.0 GHz
Pout, Freq = 13.5 GHz
Pout, Freq = 14.0 GHz
Pout, Freq = 14.5 GHz
Pout, Freq = 15.0 GHz
Pout, Freq = 15.5 GHz
XP1043-QH: C/I3 (dBc) vs Pout per Tone (dBm) at Room Temp.
Vd=7 V, Id=700 mA. 12.5 to 15.5 GHz
0
5
10
15
20
25
30
35
40
45
50
55
60
14
15
16
17
18
19
20
21
22
Output Power (dBm per tone)
CI3, Freq = 12.5 GHz, Temp = 35 C
CI3, Freq = 13.5 GHz, Temp = 35 C
CI3, Freq = 14.5 GHz, Temp = 35 C
CI3, Freq = 15.5 GHz, Temp = 35 C
XP1043-QH: C/I3 (dBc) vs Pout per Tone (dBm) at at +85 °C.
Vd=7 V, Id=700 mA. 12.5 to 15.5 GHz
0
5
10
15
20
25
30
35
40
45
50
55
60
65
14
15
16
17
18
19
20
21
22
Output Power (dBm per tone)
CI3, Freq = 12.5 GHz, Temp = 85 C
CI3, Freq = 13.5 GHz, Temp = 85 C
CI3, Freq = 14.5 GHz, Temp = 85 C
CI3, Freq = 15.5 GHz, Temp = 85 c
XP1043-QH: V_Detect (mV) vs Output Power (dBm)
Freq = 12.5-15.5 GHz, Temp = -45 to 85 Degree C
10
100
1000
10000
0
3
6
9
12
15
18
21
24
27
Output Power (dBm)
12.5GHz, 25C
15.5GHz, 25C
12.5GHz, -45C
15.5GHz, -45C
12.5GHz, 85C
15.5GHz, 85C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com