Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFB80N50Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFB80N50Q2
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFB80N50Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFB80N50Q2_07 Datasheet HTML 1Page - IXYS Corporation IXFB80N50Q2_07 Datasheet HTML 2Page - IXYS Corporation IXFB80N50Q2_07 Datasheet HTML 3Page - IXYS Corporation IXFB80N50Q2_07 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFB80N50Q2
IXYS REF: F_80N50Q2(95)7-20-07-F
Fig. 11. Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
V
D S - V olts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
40
80
120
160
200
240
280
Q
G - nanoCoulombs
V
DS = 250V
I
D = 40A
I
G = 10m A
Fig. 7. Input Adm ittance
0
20
40
60
80
100
120
140
3.5
4.5
5.5
6.5
7.5
V
G S - V olts
T
J = 125ºC
25ºC
-40ºC
Fig. 8. Trans conductance
0
20
40
60
80
100
120
0
20
40
60
80
100
120
140
160
180
I
D - A mperes
T
J = -40ºC
25ºC
125ºC
Fig. 9. Source Curre nt vs . Source -To-
Drain Voltage
0
40
80
120
160
200
240
0.4
0.6
0.8
1
1.2
1.4
1.6
V
S D - V olts
T
J = 125ºC
T
J = 25ºC
Fig. 12. Maxim um Transient Therm al
Im pedance
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com