Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19-213-R8C-FN1P2-3T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 19-213-R8C-FN1P2-3T
Description  0603 Package Chip LED(0.6mm Height)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-R8C-FN1P2-3T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 19-213-R8C-FN1P2-3T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-213-R8C-FN1P2-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
19-213/R8C-FN1P2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 7 of 10
Device No:DSE-0002398
Prepared date:17-Sep-2009
Prepared by:Wuhongmei
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Aluminum moisture-proof bag
Desiccant
Label



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com