Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFN80N50Q2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN80N50Q2
Description  HiPerFET Power MOSFET Q2-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN80N50Q2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN80N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFN80N50Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS Corporation, All rights reserved
DS99031B(05/08)
V
DSS
= 500V
I
D25
= 80A
R
DS(on) ≤
≤≤≤≤ 60mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
N-Channel Enhancement Mode
Avalanche Rated, Low Q
g, Low
Intrinsic R
g, High dV/dt, Low trr
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
80
A
I
DM
T
C = 25°C, pulse width limited by TJM
320
A
I
A
T
C = 25°C
80
A
E
AS
T
C = 25°C
5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
890
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
V
ISOL
50/60Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.3/ 11.5
Nm/lb.in.
Weight
30
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±200
nA
I
DSS
V
DS = VDSS
100
μA
V
GS = 0V
T
J = 125°C
5
mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
60
m
Ω
HiPerFETTM
Power MOSFET
Q2-Class
IXFN80N50Q2
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
Features
Double metal process for low
gate resistance
miniBLOC, with Aluminium nitride
isolation
Unclamped Inductive Switching (UIS)
rated
Low package inductance
Fast intrinsic Rectifier
Applications
DC-DC converters
Switched-mode and resonant-mode
power supplies
DC choppers
Pulse generators
Advantages
Easy to mount
Space savings
High power density
Preliminary Technical Information


Similar Part No. - IXFN80N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN80N50Q2 IXYS-IXFN80N50Q2 Datasheet
174Kb / 5P
Power MOSFET
IXFN80N50Q2 IXYS-IXFN80N50Q2_V01 Datasheet
174Kb / 5P
Power MOSFET
More results

Similar Description - IXFN80N50Q2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB38N100Q2 IXYS-IXFB38N100Q2_08 Datasheet
132Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFK40N50Q2 IXYS-IXFK40N50Q2 Datasheet
180Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFL38N100Q2 IXYS-IXFL38N100Q2 Datasheet
140Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFL70N60Q2 IXYS-IXFL70N60Q2 Datasheet
141Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFN66N50Q2 IXYS-IXFN66N50Q2 Datasheet
127Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFN70N60Q2 IXYS-IXFN70N60Q2 Datasheet
116Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR14N100Q2 IXYS-IXFR14N100Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR38N80Q2 IXYS-IXFR38N80Q2_08 Datasheet
112Kb / 4P
HiPerFET Power MOSFET Q2-Class
IXFR40N50Q2 IXYS-IXFR40N50Q2_08 Datasheet
123Kb / 5P
HiPerFET Power MOSFET Q2-Class
IXFR66N50Q2 IXYS-IXFR66N50Q2 Datasheet
118Kb / 4P
HiPerFET Power MOSFET Q2-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com