Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P5CD021XD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P5CD021XD
Description  Secure dual interface and contact PKI smart card controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CD021XD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P5CD021XD Datasheet HTML 5Page - NXP Semiconductors P5CD021XD Datasheet HTML 6Page - NXP Semiconductors P5CD021XD Datasheet HTML 7Page - NXP Semiconductors P5CD021XD Datasheet HTML 8Page - NXP Semiconductors P5CD021XD Datasheet HTML 9Page - NXP Semiconductors P5CD021XD Datasheet HTML 10Page - NXP Semiconductors P5CD021XD Datasheet HTML 11Page - NXP Semiconductors P5CD021XD Datasheet HTML 12Page - NXP Semiconductors P5CD021XD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
P5CD016_021_041_51_Cx081_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 14 March 2011
150332
9 of 20
NXP Semiconductors
P5CD016/021/041/051 and P5Cx081
Secure dual interface and contact PKI smart card controller
2.4 Design-in support
Approved development tool chain:
Keil PK51 development tool package including
μVision3/dScope C51 simulator,
additional specific hardware drivers including simulation of contactless interface
and ISO/IEC 7816 card interface board. A SmartMX DBox allows software
debugging and integration tests.
Ashling Ultra-Emulator platform, stand-alone ROM prototyping boards and
ISO/IEC 7816 and ISO/IEC 14443 card interface board. Code coverage and
performance measurement software tools for real-time software testing.
Dual interface dummy modules OM6711 (PDM 1.1 - SOT658) with special antenna
bonding on C4 and C8 for testing the implanting process and antenna connection.
Software libraries:
Libraries supporting contactless communication in accordance with
ISO/IEC 14443, part 3 and 4
T=1 communication in accordance with ISO/IEC 7816, part 3
EEPROM read/write routines
3.
Applications
3.1 Application areas
Banking
Java cards
E-passports
ID cards
Secure access
Trusted platform modules
4.
Quick reference data
[1]
All described supply voltages are in accordance with ISO/IEC 7816-3.
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
class A: 5 V range
[1] 4.5
5.0
5.5
V
class B: 3 V range
[1] 2.7
3.0
3.3
V
class BE: 3 V range
[1] 2.2
3.0
3.3
V
Class C: 1.8 V range
[1] 1.62
1.8
1.98
V
EEPROM
tret
retention time
Tamb =+55 °C
25
--years
Nendu(W)
write endurance
under all operating
conditions
5
× 105
-
-
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com