Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXFQ22N60P3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFQ22N60P3
Description  Polar3 HiperFET Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFQ22N60P3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFQ22N60P3 Datasheet HTML 1Page - IXYS Corporation IXFQ22N60P3 Datasheet HTML 2Page - IXYS Corporation IXFQ22N60P3 Datasheet HTML 3Page - IXYS Corporation IXFQ22N60P3 Datasheet HTML 4Page - IXYS Corporation IXFQ22N60P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
DS100321(03/11)
IXFP22N60P3
IXFQ22N60P3
IXFH22N60P3
Polar3TM HiperFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
600
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
22
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
55
A
I
A
T
C = 25°C11
A
E
AS
T
C = 25°C
400
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
35
V/ns
P
D
T
C = 25°C
500
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 seconds
260
°C
M
d
Mounting Torque
1.13 / 10
Nm/lb.in.
Weight
TO-220
3.0
g
TO-3P
5.5
g
TO-247
6.0
g
V
DSS
= 600V
I
D25
= 22A
R
DS(on) ≤
≤≤≤≤ 360m
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
Features
Fast Intrinsic Rectifier
Avalanche Rated
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
Laser Drivers
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
600
V
V
GS(th)
V
DS = VGS, ID = 1.5mA
3.0
5.0
V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS= 0V
25
μA
T
J = 125°C
1.25 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
360 m
Ω
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D
TO-3P (IXFQ)
D
G
S
G
D S
TO-220AB (IXFP)
Tab
Tab
Tab


Similar Part No. - IXFQ22N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFQ22N60P3 IXYS-IXFQ22N60P3 Datasheet
303Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results

Similar Description - IXFQ22N60P3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFB110N60P3 IXYS-IXFB110N60P3 Datasheet
148Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFB132N50P3 IXYS-IXFB132N50P3 Datasheet
148Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFK78N50P3 IXYS-IXFK78N50P3 Datasheet
138Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFK98N50P3 IXYS-IXFK98N50P3 Datasheet
138Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFN110N60P3 IXYS-IXFN110N60P3 Datasheet
130Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFN132N50P3 IXYS-IXFN132N50P3 Datasheet
130Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFQ28N60P3 IXYS-IXFQ28N60P3 Datasheet
136Kb / 5P
Polar3 HiperFET Power MOSFETs
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
173Kb / 5P
Polar3 HiperFET Power MOSFET
IXFN80N60P3 IXYS-IXFN80N60P3 Datasheet
136Kb / 5P
Polar3 HiPerFET Power MOSFET
IXFL132N50P3 IXYS-IXFL132N50P3 Datasheet
192Kb / 6P
Polar3 HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com