Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

19-223-R7BHC-A30-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 19-223-R7BHC-A30-2T
Description  Chip LED with Bi-Color(Multi-Color)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-223-R7BHC-A30-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 19-223-R7BHC-A30-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd 19-223-R7BHC-A30-2T Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-223/R7BHC-A30/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 9 of 12
Device No:SZDSE-192-A32
Prepared date: 8-Dec-2006
Prepared by:Lu zhongwei
Carrier Tape Dimensions: Loaded quantity 2000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com