Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

22-23-R6GHBHC-A01-2C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 22-23-R6GHBHC-A01-2C
Description  Full Color Chip LED (Chip LED with Right Angle Lens)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

22-23-R6GHBHC-A01-2C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  22-23-R6GHBHC-A01-2C Datasheet HTML 1Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 22-23-R6GHBHC-A01-2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2009-08-19 11:07:06.0
EVERLIGHT ELECTRONICS CO.,LTD.
22-23/R6GHBHC-A01/2C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3
Page: 4 of 12
Device No. : DSE-0002063
Prepared date: 17-Aug-2009
Prepared by: Ashley Kuo
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
R6
Iv
GH
BH
45
112
28.5
72
180
45
-----
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
Peak Wavelength
R6
λp
GH
BH
-----
632
518
468
-----
nm
IF=20mA
Dominant Wavelength
R6
λd
GH
BH
615
510
460
-----
630
540
480
nm
IF=20mA
Spectrum Radiation
Bandwidth
R6
△λ GH
BH
-----
20
35
25
-----
nm
IF=20mA
Forward Voltage
R6
VF
GH
BH
1.7
2.7
2.7
2.0
3.3
3.3
2.4
3.7
3.7
V
IF=20mA
Reverse Current
IR
R6
-----
-----
10
μA
VR=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com