Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXGP16N60B2D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP16N60B2D1
Description  HiPerFAST IGBTs B2-Class High Speed w/ Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60B2D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP16N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 6Page - IXYS Corporation IXGP16N60B2D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA16N60B2D1
IXGP16N60B2D1
IXGH16N60B2D1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 12A, VCE = 10V, Note 1
8
S
C
ies
675
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
70
pF
C
res
20
pF
Q
g(on)
24
nC
Q
ge
I
C = 12A, VGE = 15V, VCE = 0.5 • VCES
5
nC
Q
gc
13
nC
t
d(on)
18
ns
t
ri
20
ns
E
on
0.16
mJ
t
d(off)
73
ns
t
fi
70
ns
E
off
0.12
0.22 mJ
t
d(on)
17
ns
t
ri
20
ns
E
on
0.26
mJ
t
d(off)
140
ns
t
fi
125
ns
E
off
0.38
mJ
R
thJC
0.83
°C/W
R
thCK
TO-220
0.50
°C/W
TO-247
0.21
°C/W
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Inductive load, T
J = 125°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
Inductive load, T
J = 25°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2
Reverse Diode (FRED)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V, Note 1
3.0
V
T
J = 125°C
1.7
V
I
RM
2.5
A
t
rr
110
ns
t
rr
30
ns
R
thJC
2.5 °C/W
I
F = 12A, VGE = 0V,
-di
F/dt = 100A/μs, VR = 100V, TJ = 125°C
I
F = 1A, VGE = 0V, -diF/dt = 100A/μs, VR = 30V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com