Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXGP30N60C3D4 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP30N60C3D4
Description  GenX3 600V IGBT With Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C3D4 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP30N60C3D4 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 5Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 6Page - IXYS Corporation IXGP30N60C3D4 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2008 IXYS CORPORATION, All rights reserved
GenX3TM 600V IGBT
With Diode
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
60
A
I
C110
T
C = 110°C
30
A
I
CM
T
C = 25°C, 1ms
150
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 5Ω
I
CM =
60
A
(RBSOA)
Clamped inductive load @
≤ 600V
P
C
T
C = 25°C
220
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13/10
Nm/lb.in.
Weight
TO-220
2.5
g
TO-263
3.0
g
DS100073(11/08)
G = Gate
C
= Collector
E = Emitter
TAB = Collector
Symbol Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C = 250μA, VGE = 0V
600
V
V
GE(th)
I
C = 250μA, VCE = VGE
3.5
5.5
V
I
CES
V
CE = VCES
75
μA
V
GE = 0V
T
J = 125°C
500
μA
I
GES
V
CE = 0V, VGE = ± 20V
±100 nA
V
CE(sat)
I
C = 20A, VGE = 15V, Note 1
2.6
3.0
V
T
J = 125°C
1.8
V
V
CES
= 600V
I
C110
= 30A
V
CE(sat) ≤
≤≤≤≤ 3.0V
t
fi(typ)
= 47ns
High Speed PT IGBTs for
40-100kHz switching
Features
Optimized for low switching losses
Square RBSOA
Anti-parallel ultra fast diode
International standard packages
Advantages
High power density
Low gate drive requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
IXGA30N60C3D4
IXGP30N60C3D4
Preliminary Technical Information
C(TAB)
TO-263 (IXGA)
G
E
C(TAB)
TO-220 (IXGP)
G
E
C


Similar Part No. - IXGP30N60C3D4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
281Kb / 6P
GenX3 600V IGBT
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGP30N60C3C1 IXYS-IXGP30N60C3C1 Datasheet
294Kb / 7P
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
More results

Similar Description - IXGP30N60C3D4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
215Kb / 7P
GenX3 600V IGBT with Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
GenX3 600V IGBT with Diode
IXGH36N60B3D1 IXYS-IXGH36N60B3D1 Datasheet
180Kb / 7P
GenX3 600V IGBT w/ Diode
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60B3D1 IXYS-IXGH48N60B3D1 Datasheet
208Kb / 7P
GenX3 600V IGBT with Diode
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
GenX3 600V IGBT with Diode
IXGK64N60B3D1 IXYS-IXGK64N60B3D1 Datasheet
188Kb / 7P
GenX3 600V IGBT with Diode
IXGK72N60A3H1 IXYS-IXGK72N60A3H1 Datasheet
235Kb / 7P
GenX3 600V IGBT w/Diode
IXGK72N60B3H1 IXYS-IXGK72N60B3H1 Datasheet
229Kb / 7P
GenX3 600V IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com