Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52108ADFN Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F52108ADFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52108ADFN Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F52108ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 9Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 10Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 11Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 12Page - Renesas Technology Corp R5F52108ADFN Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 9 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
1.4
Pin Functions
Table 1.4 lists the pin functions.
Table 1.4
Pin Functions (1 / 4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Input
Connect this pin to VSS via a 0.1
F capacitor. The capacitor should
be placed close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for connecting a crystal resonator. An external clock signal can
be input through the EXTAL pin.
EXTAL
Input
BCLK
Output
Outputs the external bus clock for external devices.
XCIN
Input
Input/output pins for the subclock generation circuit. Connect a
crystal resonator between XCIN and XCOUT.
XCOUT
Output
Operating mode
control
MD
Input
Pins for setting the operating mode. The signal levels on this pin
must not be changed during operation.
System control
RES#
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
CAC
CACREF
Input
Input pin for the measuring circuit for clock frequency precision.
On-chip emulator
FINED
I/O
FINE interface pin.
FINEC
Input
Clock pin for FINE interface.
Address bus
A0 to A23
Output
Output pins for the address.
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus.
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress.
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in single-write strobe mode.
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0, and D15 to D8) is valid in writing to the external bus interface
space, in byte strobe mode.
BC0#, BC1#
Output
Strobe signals which indicate that either group of data bus pins (D7
to D0 and D15 to D8) is valid in access to the external bus interface
space, in single-write strobe mode.
CS0# to CS3#
Output
Select signals for areas 0 to 3.
WAIT#
Input
Input pins for wait request signals in access to the external space.
ALE#
Output
Address latch signal when address/data multiplexed bus is
selected.
Interrupt (ICU)
NMI
Input
Non-maskable interrupt request signal.
IRQ0 to IRQ7
Input
Interrupt request signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com