Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TAADFF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F562TAADFF
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TAADFF Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F562TAADFF Datasheet HTML 1Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 2Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 3Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 4Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 5Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 6Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 7Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 8Page - Renesas Technology Corp R5F562TAADFF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 2 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 lists the functions of products.
Table 1.1
Outline of Specifications (1 / 5)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 100MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
 General purpose: Sixteen 32-bit registers
 Control: Nine 32-bit registers
 Accumulator: One 64-bit register
 Basic instructions: 73
 Floating-point instructions: 8
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
 Instructions: Little endian
 Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 x 32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
ROM
 ROM capacity: 256 Kbytes (max.)
 Two on-board programming modes
 Boot mode (The user MAT is programmable via the SCI)
 User program mode
 Off-board programming
 A PROM programmer can be used to program the user mat.
RAM
 RAM capacity: 16 Kbytes (max.)
Data flash
 Data flash capacity: 32 Kbytes (max.)
 Supports background operations (BGO)
MCU operating mode
 Single-chip mode
Clock
Clock generation
circuit
 One circuit: Main clock oscillator
 Internal oscillator: Low-speed on-chip oscillator dedicated to IWDT
 Structure of a PLL frequency synthesizer and frequency divider for selectable operating
frequency
 Oscillation stoppage detection
 Independent frequency-division and multiplication settings for the system clock (ICLK)
and peripheral module clock (PCLK)
 The CPU and system sections such as other bus masters, MTU3, and GPT run in
synchronization with the system clock (ICLK): 8 to 100 MHz.
 Peripheral modules run in synchronization with the peripheral module clock (PCLK):
8 to 50 MHz
Reset
Pin reset, power-on reset (automatic power-on reset when the power is turned on),
voltage-monitoring reset, watchdog timer reset, independent watchdog timer reset, and
deep software standby reset
Voltage detection circuit (LVD)
When the voltage on VCC falls below the voltage detection level (Vdet), an internal reset or
internal interrupt is generated.
Low power
consumption
Low power
consumption
facilities
 Module stop function
 Four low power consumption modes
 Sleep mode, all-module clock stop mode, software standby mode, and deep software
standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com