Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20124AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2A20124AFP
Description  Synchronous Phase Shift Full-Bridge Control IC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20124AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2A20124AFP Datasheet HTML 1Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 2Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 3Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 4Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 5Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 6Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 7Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 8Page - Renesas Technology Corp R2A20124AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
R2A20124AFP/R2A20124ASP
Preliminary
R03DS0031EJ0300 Rev.3.00
Page 5 of 12
Mar 11, 2011
Block Diagram
R2A20124AFP
UVLO
H
L
VCC
4 V
H
L
OSCILLATOR
RES
Q
SGND
COMPARATOR
VCC
VREF
VREF
VREF
CLAMP CIRCUIT
VCC
VCC
VCC
VCC
VCC
PGND
1.135 V
VREF
GOOD
VREF
GOOD
VREF
GOOD
1.25 V
VREF
heavy load
VREF
40
μA
500
μA
10
μA
10
μA
2.5 k
Ω
185 k
Ω
1.15 V
1.4 V
Zero Delay
RES
RES
VREF
OUT-A
DELAY-1
OUT-B
OUT-C
DELAY-2
OUT-D
DELAY-3
OUT-E
OUT-F
RT
REMOTE
SYNC
COMP
RAMP
RAMP-SLP
SS
CS-OUT
CS
SEC-CONT
ON: 1.32 V
OFF: 1.23 V
START-UP
COUNTER
32 CLOCK
5 V
GENERATOR
FB(–)
SYNC I/O
ERROR
AMP
×3.0
PULSE
BY PULSE
VREF
GOOD
CIRCUIT
BIAS
Phase Shift
Control
Logic
DELAY
Control
Circuit
DELAY
Control
Circuit
Synchronous
Rectification
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com