Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7ADFF Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F562T7ADFF
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7ADFF Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F562T7ADFF Datasheet HTML 67Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 68Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 69Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 70Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 71Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 72Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 73Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 74Page - Renesas Technology Corp R5F562T7ADFF Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 71 of 92
Apr 20, 2011
RX62T Group
5. Electrical Characteristics
Figure 5.10
I2C Bus Interface Input/Output Timing
SDA
SCL
VIH
VIL
tSTAH
tSCLH
tSCLL
P *
1
S *
1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P *
1
tBUF
Note 1: S, P, and Sr indicate the following conditions.
S: Start condition
P: Stop condition
Sr: Restart condition
Test conditions
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA (ICFER.FMPE = 0)
VOL = 0.4 V, IOL = 15 mA (ICFER.FMPE = 1)
Sr *
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com