Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562T7ADFM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F562T7ADFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7ADFM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F562T7ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 50Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 51Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 52Page - Renesas Technology Corp R5F562T7ADFM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 49 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
000C 121Eh
MTU4
Timer general register B
TGRB
16
16
5ICLK
000C 1220h
MTU
Timer subcounter A
TCNTSA
16
16, 32
5ICLK
000C 1222h
MTU
Timer cycle buffer register A
TCBRA
16
16
5ICLK
000C 1224h
MTU3
Timer general register C
TGRC
16
16, 32
5ICLK
000C 1226h
MTU3
Timer general register D
TGRD
16
16
5ICLK
000C 1228h
MTU4
Timer general register C
TGRC
16
16, 32
5ICLK
000C 122Ah
MTU4
Timer general register D
TGRD
16
16
5ICLK
000C 122Ch
MTU3
Timer status register
TSR
8
8, 16
5ICLK
000C 122Dh
MTU4
Timer status register
TSR
8
8
5ICLK
000C 1230h
MTU
Timer interrupt skipping set register 1A
TITCR1A
8
8, 16
5ICLK
000C 1231h
MTU
Timer interrupt skipping counter 1A
TITCNT1A
8
8
5ICLK
000C 1232h
MTU
Timer buffer transfer set register A
TBTERA
8
8
5ICLK
000C 1234h
MTU
Timer dead time enable register A
TDERA
8
8
5ICLK
000C 1236h
MTU
Timer output level buffer register A
TOLBRA
8
8
5ICLK
000C 1238h
MTU3
Timer buffer operation transfer mode register
TBTM
8
8, 16
5ICLK
000C 1239h
MTU4
Timer buffer operation transfer mode register
TBTM
8
8
5ICLK
000C 123Ah
MTU
Timer interrupt skipping mode register A
TITMRA
8
8
5ICLK
000C 123Bh
MTU
Timer interrupt skipping set register 2A
TITCR2A
8
8
5ICLK
000C 123Ch
MTU
Timer interrupt skipping counter 2A
TITCNT2A
8
8
5ICLK
000C 1240h
MTU4
Timer A/D converter start request control
register
TADCR
16
16
5ICLK
000C 1244h
MTU4
Timer A/D converter start request cycle set
register A
TADCORA
16
16, 32
5ICLK
000C 1246h
MTU4
Timer A/D converter start request cycle set
register B
TADCORB
16
16
5ICLK
000C 1248h
MTU4
Timer A/D converter start request cycle set
buffer register A
TADCOBRA
16
16, 32
5ICLK
000C 124Ah
MTU4
Timer A/D converter start request cycle set
buffer register B
TADCOBRB
16
16
5ICLK
000C 1260h
MTU
Timer waveform control register A
TWCRA
8
8
5ICLK
000C 1270h
MTU3
Timer mode register 2A
TMDR2A
8
8
5ICLK
000C 1272h
MTU3
Timer general register E
TGRE
16
16
5ICLK
000C 1274h
MTU4
Timer general register E
TGRE
16
16
5ICLK
000C 1276h
MTU4
Timer general register F
TGRF
16
16
5ICLK
000C 1280h
MTU
Timer start register A
TSTRA
8
8, 16
5ICLK
000C 1281h
MTU
Timer synchronous register A
TSYRA
8
8
5ICLK
000C 1282h
MTU
Timer counter synchronous start register
TCSYSTR
8
8
5ICLK
000C 1284h
MTU
Timer read/write enable register A
TRWERA
8
8
5ICLK
000C 1300h
MTU0
Timer control register
TCR
8
8, 16, 32
5ICLK
000C 1301h
MTU0
Timer mode register 1
TMDR1
8
8
5ICLK
000C 1302h
MTU0
Timer I/O control register H
TIORH
8
8, 16
5ICLK
000C 1303h
MTU0
Timer I/O control register L
TIORL
8
8
5ICLK
000C 1304h
MTU0
Timer interrupt enable register
TIER
8
8, 16, 32
5ICLK
000C 1305h
MTU0
Timer status register
TSR
8
8
5ICLK
000C 1306h
MTU0
Timer counter
TCNT
16
16
5ICLK
000C 1308h
MTU0
Timer general register A
TGRA
16
16, 32
5ICLK
Table 4.1
List of I/O Registers (Address Order) (16 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com