Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDA138C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA138C
Description  STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA138C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA138C Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA138
__ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
│
└
Peak Inverse Voltage
A = 50V, B = 100V, C = 200V, D = 400V
E = 600V, F = 800V, and G = 1,000V.
SDA138A thru SDA138G
10 AMPS, 50 to 1,000 VOLTS
STANDARD RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
•
Average Output Current 10 Amps @ 55
°C
•
PIV 50 to 1,000 Volts Per Leg
•
Maximum Thermal Resistance 5
°C/W
•
All Welded Interconnects
•
Hermetically Sealed Diode Cells
•
Universal 2 Mounting Position Case
•
All Machined Aluminum Case
•
Available in Fast , Ultra Fast, and Hyper Fast
Versions
SDA 138A thru SDA138G:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact
Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25°C.
4/ Recovery Conditions: I
F = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
ELECTRICAL CHARACTERISTICS 3/
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse
4/
Recovery
Time
Average DC Output
Current
TC=Case Temp
Average DC
Output Current
TA=Ambient
Temp
(No Heat Sink)
Peak 1
Cycle
Forward
Surge
Peak
Recurrent
Forward
Surge
Maximum
Forward
Voltage
Drop (per leg)
@ 3 ADC
Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IF(AV)
IFSM
IFRM
VF
IR
Units
Volts
μs
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
55
°C 100°C 125°C 55°C 100°C
VF
25
°C
100
°C
SDA138A
50
35
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138B
100
70
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138C
200
140
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138D
400
280
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138E
600
420
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138F
800
560
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
SDA138G
1000
700
5
10.0
7.0
5.0
1.5
1.0
100
30
1.1
2
50
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0075A
DOC


Similar Part No. - SDA138C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA138C SSDI-SDA138C Datasheet
210Kb / 2P
5 AMP BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA138C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA18A SSDI-SDA18A_1 Datasheet
119Kb / 1P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA41AUF SSDI-SDA41AUF_1 Datasheet
309Kb / 2P
ULTRA FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA117A SSDI-SDA117A_1 Datasheet
114Kb / 1P
STANDARD RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA267A SSDI-SDA267A Datasheet
144Kb / 2P
FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
SDA316A SSDI-SDA316A Datasheet
100Kb / 1P
STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER
RA0009 SSDI-RA0009_15 Datasheet
58Kb / 2P
STANDARD RECOVERY SINGLE PHASE BRIDGE
RA0010 SSDI-RA0010_15 Datasheet
54Kb / 2P
STANDARD RECOVERY THREE PHASE BRIDGE
RA0011B SSDI-RA0011B_15 Datasheet
108Kb / 2P
STANDARD RECOVERY SINGLE PHASE BRIDGE
logo
Diotec Semiconductor
S40F DIOTEC-S40F_18 Datasheet
187Kb / 2P
SMD Single Phase Bridge Rectifier ??Fast Recovery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com