Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

67-21-RSC-FT2V1B-2T Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 67-21-RSC-FT2V1B-2T
Description  Top View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-RSC-FT2V1B-2T Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 67-21-RSC-FT2V1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-06-08 19:01:59.0
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Top View LEDs
67-21/RSC-FT2V1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 10 of 10
Device No. :DSE-0003710
Prepared date: 2-JUNE -2010
Prepared by: Irene Lin
4. Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals,
and do soldering of each terminal. Be careful because the damage of the product is often started at
the time of the hand solder.
5. Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand
whether the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com