Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDR2HF2.0 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR2HF2.0
Description  HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR2HF2.0 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR2HF2.0 Datasheet HTML 1Page - Solid States Devices, Inc SDR2HF2.0 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0096E
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Breakdown Voltage
(IR = 50 µA, TA = 25ºC, Pulse)
SDR2HF1.8 & SMS
SDR2HF2.0 & SMS
BVR
1800
2000
––
––
Volts
Instantaneous Forward Voltage Drop
(TA = 25ºC, Pulse)
IF1 =1 A
IF2 =2 A
VF1
VF2
––
––
8.0
11.0
Volts
Volts
Instantaneous Forward Voltage Drop
(TA = -55ºC, Pulse)
IF3 =1 A
IF4 =2 A
VF3
VF4
––
––
8.0
11.0
Volts
Volts
Reverse Leakage Current
(VR = 85% rated VR, Pulse)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
––
10
250
µA
µA
Junction Capacitance
(VR = 50 VDC, TA = 25ºC, f = 1 MHz)
CJ
––
20
pF
Reverse Recovery Time
(IF =500 mA, IR =1 A, IRR =250 mA, TA = 25ºC)
trr
––
35
ns
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.170”
B
0.210”
0.250”
C
0.045”
0.051”
D
1.00”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.195”
0.205”
B
0.255”
0.280”
C
0.020”
0.030”
D
0.002”
––
NOTES:
Consult manufacturing for operating curves.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR2HF1.8 and SMS
SDR2HF2.0 and SMS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com