Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDR8200S8 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR8200S8
Description  STANDARD RECOVERY HIGH CURRENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR8200S8 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR8200S8 Datasheet HTML 1Page - Solid States Devices, Inc SDR8200S8 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Symbol
Value
Unit
Instantaneous Forward Voltage Drop
((IF = 200 Adc Pulse, TJ = 25
oC)
VF
1.45
Vdc
Instantaneous Forward Voltage Drop
(IF = 200 Adc Pulse, TJ = +175
oC)
VF
1.40
Vdc
Reverse Leakage Current
(Rated VR pulse, TJ = 25
oC)
IR
1
mA
Reverse Leakage Current
(Rated VR pulse, TJ = 175
oC)
IR
40
mA
Reverse Recovery Time
(IFM = 200 A, VR = 400 V, di/dt = -25 μs, RS = 10Ω, CS = 0.5 μF, TA = 25
oC)
trr
15
μsec
CASE OUTLINE: DO-8
*For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR8200S4
thru
SDR8200S12
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RP0013B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com