Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD646-1 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD646-1
Description  STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD646-1 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD646-1 Datasheet HTML 1Page - Solid States Devices, Inc SPD646-1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Voltage/Family
645-1 = 225V
646-1 = 300V
647-1 = 400V
648-1 = 500V
649-1 = 600V
SPD645-1 thru SPD649-1
and
SPD645-1SMS thru SPD649-1SMS
400 mAMPS
225 ─ 600 VOLTS
STANDARD RECOVERY
RECTIFIER
FEATURES:
•
Standard Reverse Recovery (Faster Versions
Available)
•
VR to 600 Volts (Higher Voltages Available)
•
Hermetically Sealed Glass Package
•
Metallurgically Bonded
•
High Surge Capability
•
No Thermal Fatigue
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
•
Replacement for: 1N645-1, UR-1 thru 1N649-1, UR-1
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
645-1
646-1
647-1
648-1
649-1
VRRM
VRWM
VR
225
300
400
500
600
Volts
Average Rectified Forward Current
TA = 25°C
TA = 150°C
IO1
IO2
400
150
mAmps
Power Dissipation (at 3/8” from the body, TL = 75°C)
Ptot
600
mWatts
Surge Current
(TA = 25°C to 150°C, for 1 Second)
IFSM
3
Amps
Operating & Storage Temperature
TO and
TSTG
-65 to +175
°
C
Thermal Impedance
ZqJX
35
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0109B
DOC


Similar Part No. - SPD646-1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD646-1 SSDI-SPD646-1 Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
SPD646-1S SSDI-SPD646-1S Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
SPD646-1SMS SSDI-SPD646-1SMS Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
SPD646-1SMSS SSDI-SPD646-1SMSS Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
SPD646-1SMSTX SSDI-SPD646-1SMSTX Datasheet
155Kb / 2P
400 mAMPS 225 ??600 VOLTS STANDARD RECOVERY RECTIFIER
More results

Similar Description - SPD646-1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557_2 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0136A SSDI-RC0136A Datasheet
74Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com