Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SS355 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # 1SS355
Description  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

1SS355 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  1SS355 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. 1SS355 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1SS355
0
20
40
60
80
100
120
REVERSE VOLTAGE:VR (V)
FIG. 2-REVERSE CHARACTERISTICS
FIG. 1- FORWARD CHARACTERISTICS
1m
0.1m
10
*
1
*
100n
10n
1n
FORWARD VOLTAGE:TF(V)
1
100m
10m
1m
100
u
10
u0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VR=6V
Irr=1/10 IR
FIG. 3- CAPACITANCE BETWWEN TERMINALS
CHARACTERISTICS
0
2
4
6
8
10
12
14
16
10
5
2
1
0.5
0.2
0.1
REVERSE VOLTAGE:VR(V)
Ta=125
C
FIG. 4- REVERSE RECOVERY TIME
CHARACTERISTICS
0
10
20
30
3
2
1
0
FORWARD CURRENT : IF(mA)
FIG. 5- SURGE CURRENT CHARACTERISTICS
0.1
1
10
100
1000
10000
PULSE WIDTH:TW(ms)
PULSE
single pulse
100
50
20
10
5
2
1
Ta=125
C
Ta=75
C
Ta=25
C
Ta=75
C
Ta=25
C
Ta=-25
C
www.ps-pfs.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com