Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDR55U080CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR55U080CT
Description  ULTRA FAST CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR55U080CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR55U080CT Datasheet HTML 1Page - Solid States Devices, Inc SDR55U080CT Datasheet HTML 2Page - Solid States Devices, Inc SDR55U080CT Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0119D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR55U ___ ___ ___ ___
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package Type
M = TO-254
N = TO-258
P = TO-259
Configuration
CT = Common Cathode
CA = Common Anode
D = Doubler
DR = Doubler Reverse
Voltage/Family
080 = 800V
090 = 900V
100 = 1000V
110 = 1100V
120 = 1200V
SDR55U080CT thru
SDR55U120CT Series
55 AMP
ULTRA FAST CENTERTAP
RECTIFIER
800 - 1200 Volts
50 nsec
Features:
 Ultra Fast Recovery: 35 nsec typical
 High Surge Rating
 Low Reverse Leakage Current
 Low Forward Voltage Drop
 Low Junction Capacitance
 Hermetically Sealed Package
 Gold Eutectic Die Attach available
 Ultrasonic Aluminum Wire Bonds
 Ceramic Seals for improved hermeticity available
 Available in Centertap and Doubler versions
 TX, TXV, Space Level Screening Available Consult
Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR55U080
SDR55U090
SDR55U100
SDR55U110
SDR55U120
VRRM
VRWM
VR
800
900
1000
1100
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
3/4/
Io
55
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Allow Junction to Reach Equilibrium
Between Pulses, TA = 25ºC)
IFSM
250
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case
3/
RθJE
1.25
1.0
ºC/W
TO-254 (M)
TO-258 (N)
TO-259 (P)
1/ For ordering information, price, operating curves, and
availability - Contact factory.
2/ Screening based on MIL-PRF-19500. Screening
flows available on request.
3/ Both legs tied together.
4/ Package limited.


Similar Part No. - SDR55U080CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Solid States Devices, I...
SDR504 SSDI-SDR504 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
SDR504 SSDI-SDR504 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
SDR506 SSDI-SDR506 Datasheet
200Kb / 2P
50 AMP 50-800 VOLTS 45-60nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR55U080CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR643CTS1 SSDI-SDR643CTS1_1 Datasheet
81Kb / 2P
Ultra Fast Centertap Rectifier
RU0077 SSDI-RU0077 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
RU0119D SSDI-RU0119D Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0077 SSDI-RU0077_15 Datasheet
60Kb / 2P
Ultra Fast Recovery Centertap Rectifier
RU0089F SSDI-RU0089F_15 Datasheet
135Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
RU0101 SSDI-RU0101_15 Datasheet
233Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0103 SSDI-RU0103_15 Datasheet
215Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0105 SSDI-RU0105_15 Datasheet
210Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0107 SSDI-RU0107_15 Datasheet
232Kb / 2P
ULTRA FAST CENTERTAP RECTIFIER
RU0119D SSDI-RU0119D_15 Datasheet
111Kb / 3P
ULTRA FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com