Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXGL200N60B3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGL200N60B3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGL200N60B3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGL200N60B3 Datasheet HTML 1Page - IXYS Corporation IXGL200N60B3 Datasheet HTML 2Page - IXYS Corporation IXGL200N60B3 Datasheet HTML 3Page - IXYS Corporation IXGL200N60B3 Datasheet HTML 4Page - IXYS Corporation IXGL200N60B3 Datasheet HTML 5Page - IXYS Corporation IXGL200N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGL200N60B3
Fig. 12. Inductive Switching
Energy Loss vs. Gate Resistance
1.5
2.0
2.5
3.0
3.5
4.0
4.5
12
345
678
9
10
RG - Ohms
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 300V
I C = 100A
I C = 50A
Fig. 17. Inductive Turn-off
Switching Times vs. Junction Temperature
120
140
160
180
200
220
240
260
280
300
320
340
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
280
300
320
340
360
380
400
420
440
460
480
500
t f
td(off) - - - -
RG = 1Ω, VGE = 15V
VCE = 300V
I C = 50A, 100A
Fig. 15. Inductive Turn-off
Switching Times vs. Gate Resistance
230
240
250
260
270
280
290
300
310
320
330
1
234
5
678
9
10
RG - Ohms
300
400
500
600
700
800
900
1000
1100
1200
1300
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 300V
I C = 100A
I C = 50A
Fig. 13. Inductive Switching
Energy Loss vs. Collector Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 300V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching
Energy Loss vs. Junction Temperature
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
Eoff
Eon - - - -
RG = 1Ω , VGE = 15V
VCE = 300V
I C = 100A
I C = 50A
Fig. 16. Inductive Turn-off
Switching Times vs. Collector Current
120
140
160
180
200
220
240
260
280
300
320
50
55
60
65
70
75
80
85
90
95
100
IC - Amperes
300
320
340
360
380
400
420
440
460
480
500
t f
td(off) - - - -
RG = 1Ω , VGE = 15V
VCE = 300V
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com