Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFT5154 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5154
Description  POWER TRANSISTORS SILICON NPN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5154 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5154 Datasheet HTML 1Page - Solid States Devices, Inc SFT5154 Datasheet HTML 2Page - Solid States Devices, Inc SFT5154 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0110A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5152
__
__
SFT5154
__
__
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
└ Package 3/
__ = TO-5
S.5 = SMD.5
SFT5152 and SFT5154
10 AMP
POWER TRANSISTORS
SILICON NPN
100 VOLTS
10 WATTS
Features:
• Radiation Tolerant
• Fast Switching, 500 nsec max ton
• High Frequency, Typical ft = 100 MHz
• BVCEO 80 Volts Min
• High Linear Gain, Low Saturation Voltage
• 200ºC Operating Temperature
• Designed for Complementary Use with SFT5151 and
SFT5153
• Replacement for 2N5152 and 2N5154
• TX, TXV, S-Level Screening Available2/ - Consult Factory
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
80
Volts
Collector – Base Voltage
VCBO
100
Volts
Emitter – Base Voltage
VEBO
5.5
Volts
Collector Current
IC
10
Amps
Base Current
IB
2.5
Amps
Total Device Dissipation @ TC = 50ºC
Derate above 50ºC
PD
10
66.6
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
15
ºC/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, Operating Curves, and
Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
Available parts:
SFT5152, SFT5152S.5
SFT5154, SFT5154S.5
TO-5
SMD.5


Similar Part No. - SFT5154

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5151 SSDI-SFT5151 Datasheet
125Kb / 3P
POWER TRANSISTORS SILICON PNP
SFT5153 SSDI-SFT5153 Datasheet
125Kb / 3P
POWER TRANSISTORS SILICON PNP
More results

Similar Description - SFT5154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com