Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFT6678Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6678Z
Description  NPN High Speed Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6678Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6678Z Datasheet HTML 1Page - Solid States Devices, Inc SFT6678Z Datasheet HTML 2Page - Solid States Devices, Inc SFT6678Z Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0019D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6678 SERIES
Electrical Characteristics
Symbol
Min
Max
Units
Collector Cutoff Current
VCE= 400V, VBE(off) =1.5V
VCE= 650V, VBE(off) =1.5V
VCE= 650V, VBE(off) =1.5V
TC = 25°C
TC = 25°C
TC = 125°C
ICEV
-
-
0.5
1.0
50
µA
µA
µA
Collector – Base Leakage Current
VCB = 650V
ICBO
-
1
mA
Emitter Cutoff Current
(VEB = 8V, IC = 0)
IEBO
-
2
mA
Collector-Emitter Sustaining Voltage
(I
C = 200mA, IB = 0)
V
CEO(sus)
400
-
V
DC Current Gain*
VCE = 3V, 1C = 15A, TA = 25°C
VCE = 3V, 1C = 1A, TA = 25°C
VCE = 3V, 1C = 15A,TA = -55°C
H
FE1
H
FE2
H
FE3
8
15
4
20
40
-
Base-Emitter Saturation Voltage*
(IC = 15A, IB = 3A)
VBE (SAT)
-
1.5
V
Collector-Emitter Saturation Voltage*
(IC = 15A, IB = 3A)
(TC = 25°C)
(TC = 125°C)
V
CE (SAT)
-
-
1.0
2.0
V
Current Gain
(I
C = 1A, VCE = 10V, f = 5MHz)
|hFE|
3
10
Output Capacitance
(V
CB = 10V , f = 0.1MHz)
Cob
150
500
pF
Delay Time
(V
CC = 200V, IC = 15A, IB1 = IB2 = 3A, tP = 50 μsec, Duty
Cycle < 2%, V
B = 6V, RL = 13.5Ω)
t(on)
td
-
0.1
µsec
Rise Time
tr
-
2.5
Storage Time
t(off)
ts
-
0.6
Fall Time
tf
-
0.5
Cross Over Time (IC = 15 A(pk), V
CLAMP = 450V, IB1 = 3 A, VBE(off) = 6V)
t
c
-
0.5
µsec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com