Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFP720ESD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP720ESD
Description  Robust High Performance Low Noise Bipolar RF Transistor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720ESD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP720ESD Datasheet HTML 2Page - Infineon Technologies AG BFP720ESD Datasheet HTML 3Page - Infineon Technologies AG BFP720ESD Datasheet HTML 4Page - Infineon Technologies AG BFP720ESD Datasheet HTML 5Page - Infineon Technologies AG BFP720ESD Datasheet HTML 6Page - Infineon Technologies AG BFP720ESD Datasheet HTML 7Page - Infineon Technologies AG BFP720ESD Datasheet HTML 8Page - Infineon Technologies AG BFP720ESD Datasheet HTML 9Page - Infineon Technologies AG BFP720ESD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
BFP720ESD
List of Tables
Data Sheet
6
Revision 1.0, 2010-06-29
Table 1
Quick Reference DC Characteristics at
T
A = 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 2
Quick Reference AC Characteristics at
T
A = 25°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 3
Maximum Ratings at
T
A = 25°C (unless otherwise specified) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 4
Thermal Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 5
DC Characteristics at
T
A = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 6
General AC Characteristics at
T
A = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 7
AC Characteristics,
V
CE = 3 V, f = 150 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 8
AC Characteristics,
V
CE = 3 V, f = 450 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 9
AC Characteristics,
V
CE = 3 V, f = 900 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10
AC Characteristics,
V
CE = 3 V, f = 1.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 11
AC Characteristics,
V
CE = 3 V, f = 1.9 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 12
AC Characteristics,
V
CE = 3 V, f = 2.4 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 13
AC Characteristics,
V
CE = 3 V, f = 3.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 14
AC Characteristics,
V
CE = 3 V, f = 5.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 15
AC Characteristics,
V
CE = 3 V, f = 10 GHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
List of Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com