Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LS5018 Datasheet(PDF) 1 Page - Micross Components

Part # LS5018
Description  P-Channel JFET switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS5018 Datasheet(HTML) 1 Page - Micross Components

  LS5018 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility
is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication
or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N5018 
ZERO OFFSET VOLTAGE 
LOW ON RESISTANCE 
rDS(on) ≤ 75Ω 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +200°C 
Operating Junction Temperature ‐55°C to +200°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
500mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
IG = ‐50mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage 
VGDS = 30V 
Gate to Source Voltage 
VGSS = 30V 
  
LS5018 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage 
30 
‐‐ 
‐‐ 
 
V 
IG = 1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage 
‐‐ 
‐‐ 
10 
VDS = ‐15V, ID = ‐1µA 
VDS(on) 
Drain to Source On Voltage 
‐‐ 
‐‐ 
‐0.5 
VGS = 0V, ID = ‐6mA 
IDSS 
Drain to Source Saturation Current (Note 2) ‐10 
‐‐ 
‐‐ 
mA 
VDS = ‐20V, VGS = 0V 
IGSS 
Gate Reverse Current 
‐‐ 
‐‐ 
2 
nA 
VGS = 15V,  VDS = 0V 
ID(off) 
Drain Cutoff Current 
‐‐ 
‐‐ 
‐10 
VDS = ‐15V, VGS = 12V 
‐‐ 
‐‐ 
‐10 
µA 
VDS = ‐15V, VGS = 7V 
IDGO 
Drain Reverse Current 
‐‐ 
‐‐ 
‐2 
nA 
VDG = ‐15V, IS = 0A 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
75 Ω 
ID = ‐1mA,   VGS = 0V 
LS5018 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
75 Ω 
ID = 0A,   VGS = 0V,   f = 1kHz 
Ciss 
Input Capacitance 
‐‐ 
‐‐ 
45 
pF 
VDS = ‐15V, VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
10 
VDS = 0V, VGS = 12V, f = 1MHz 
LS5018 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
15  
 
ns 
VGS(L) = 12V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
20 
td(off) 
Turn Off Time 
15 
tf 
Turn Off Fall Time 
50 
                                                                                                                 
                                                                                                                                                                                                              SWITCHING TEST CIRCUIT
LS5018 SWITCHING CIRCUIT PARAMETERS                                                                                                                          
VDD ‐6V  
VGG 
12V  
RL 
910Ω 
 
RG 
220Ω 
 
ID(on) ‐6mA  
  
 
  
 
  
 
  
 
  
 
The LS5018 is a single P-Channel JFET switch
LS5018
P-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N5018
This p-channel analog switch is designed to provide low
on-resistance and fast switching.
The hermetically sealed TO-18 package is well suited
for hi-reliability and harsh environment applications.
(See Packaging Information).
LS5018 Applications:
Analog Switches
Commutators
Choppers
LS5018 Benefits:
Low Insertion Loss
No offset or error voltage generated by closed
switch
Purely resistive
Micross Components Europe
Available Packages:
LS5018 in TO-18
LS5018 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐  Absolute maximum ratings are limiting values above which LS5018 serviceability may be impaired.
Note 2 – Pulse test: PW≤ 300 µs, Duty Cycle ≤ 3%
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-18 (Bottom View)


Similar Part No. - LS5018

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018 STMICROELECTRONICS-LS5018 Datasheet
47Kb / 5P
TRISILTM
Sep-1998
logo
Micross Components
LS5018 MICROSS-LS5018 Datasheet
298Kb / 1P
P-Channel JFET switch
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
TRISILTM
Sep-1998
logo
Micross Components
LS5018_SOT-23 MICROSS-LS5018_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
More results

Similar Description - LS5018

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5114 CALOGIC-2N5114 Datasheet
33Kb / 2P
P-Channel JFET Switch
J174 CALOGIC-J174 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Intersil Corporation
U304 INTERSIL-U304 Datasheet
62Kb / 2P
P-CHANNEL JFET SWITCH
IT100 INTERSIL-IT100 Datasheet
41Kb / 1P
P-CHANNEL JFET SWITCH
logo
Micross Components
LS5018_SOT-23 MICROSS-LS5018_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5019_SOT-23 MICROSS-LS5019_SOT-23 Datasheet
298Kb / 1P
P-Channel JFET switch
LS5019_TO-18 MICROSS-LS5019_TO-18 Datasheet
303Kb / 1P
P-Channel JFET switch
LS5019_TO-92 MICROSS-LS5019_TO-92 Datasheet
307Kb / 1P
P-Channel JFET switch
logo
Calogic, LLC
2N5114 CALOGIC-2N5114_15 Datasheet
41Kb / 2P
P-Channel JFET Switch
J174 CALOGIC-J174_15 Datasheet
31Kb / 2P
P-Channel JFET Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com