Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSJ211 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ211
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ211 Datasheet(HTML) 1 Page - Micross Components

  LSJ211 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J211 
HIGH GAIN  
gfs = 7000µmho MIN 
HIGH INPUT IMPEDANCE 
IGSS = 100pA max 
LOW INPUT CAPACITANCE 
Ciss = 5pF 
ABSOLUTE MAXIMUM RATINGS @ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
360mW 
Derating over temperature 
3.27 mW/°C 
MAXIMUM CURRENT
Gate Current (Note 1) 
10mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage or  Gate to Source Voltage  ‐25V 
  
LSJ211 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
V 
VDS = 0V, IG = ‐1µA 
VGS(off) 
Gate to Source Cutoff Voltage ‐2.5 
‐‐ 
‐4.5 
VDS = 15V,  ID = 1nA 
IDSS 
Drain to Source Saturation Current (Note 2) 
7 
‐‐ 
20 
mA 
VDS = 15V, VGS = 0V 
IGSS 
Gate Reverse Current (Note 3) 
‐‐ 
‐‐ 
‐100 
pA 
VDS = 0V, VGS = ‐15V 
IG 
Gate Operating Current (Note 3) 
‐‐ 
‐10 
‐‐ 
pA 
VDS = 10V,  ID = 1mA 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
‐‐ 
50 Ω 
IG = 1mA,  VDS = 0V 
 
 
    
 
LSJ211 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
gfs 
Forward Transconductance 
6000 
‐‐ 
12000 
µmho 
VDS = 15V,   VGS = 0V , f = 1kHz 
gos 
Output Conductance 
‐‐ 
‐‐ 
200 
Ciss 
Input Capacitance 
‐‐ 
4 
‐‐ 
pF 
VDS = 15V,   VGS = 0V , f = 1MHz  
Crss 
Reverse Transfer Capacitance 
‐‐ 
1 
‐‐ 
en 
Equivalent Noise Voltage 
‐‐ 
10 
‐‐ 
nV/√Hz 
VDS = 15V,   VGS = 0V , f = 1kHz 
 
 
    
 
LSJ211 SWITCHING CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC  
UNITS 
CONDITIONS 
td(on) 
Turn On Time 
2  
 
ns 
VDD = 10V 
VGS(H) = 0V 
 
See Switching Circuit 
tr 
Turn On Rise Time 
2 
td(off) 
Turn Off Time 
6 
tf 
Turn Off Fall Time 
15 
  
 
  
 
  
 
  
 
  
 
LSJ211
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J211
The LSJ211 is a n-channel JFET General Purpose
amplifier with low noise and low leakage.
The TO-92 package is well suited for cost sensitive
applications and mass production.
(See Packaging Information).
LSJ211 Applications:
General Purpose Amplifiers
UHV / VHF Amplifiers
Mixers
Oscillators
LSJ211 Benefits:
High gain
Low Leakage
Low Noise
Micross Components Europe
Available Packages:
LSJ211 in TO-92
LSJ211 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which LSJ211 serviceability may be impaired.  
Note 2 ‐ Pulse test duration = 2ms 
Note 3 – Approximately doubles for every 10
°C increase in TA 
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)


Similar Part No. - LSJ211

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ211 MICROSS-LSJ211 Datasheet
277Kb / 1P
N-CHANNEL JFET
LSJ211_SOT-23 MICROSS-LSJ211_SOT-23 Datasheet
277Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSJ211

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com