Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSJ309_TO-92 Datasheet(PDF) 1 Page - Micross Components

Part # LSJ309_TO-92
Description  N-CHANNEL JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LSJ309_TO-92 Datasheet(HTML) 1 Page - Micross Components

  LSJ309_TO-92 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web:
www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX J309 
OUTSTANDING HIGH FREQUENCY GAIN  
Gpg = 11.5dB 
LOW HIGH FREQUENCY NOISE 
NF = 2.7dB 
ABSOLUTE MAXIMUM RATINGS @ 25°C
1  
Maximum Temperatures 
Storage Temperature ‐55°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
350mW 
MAXIMUM CURRENT
Gate Current 
10mA 
MAXIMUM VOLTAGES 
Gate to Drain Voltage or  Gate to Source Voltage  ‐25V 
  
  
LSJ309 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNIT 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
‐‐ 
V 
VDS = 0V, IG = ‐1µA 
VGS(F) 
Gate to Source Forward Voltage 
0.7 
‐‐ 
1 
VDS = 0V, IG = 10mA 
VGS(off) 
Gate to Source Cutoff Voltage ‐1 
‐‐ 
‐4 
VDS = 10V,  ID = 1nA 
IDSS 
Drain to Source Saturation Current
2 
12 
‐‐ 
30 
mA 
VDS = 10V, VGS = 0V 
IG 
Gate Operating Current (Note 3) 
‐‐ 
‐15 
‐‐ 
pA 
VDG = 9V,  ID = 10mA 
rDS(on) 
Drain to Source On Resistance 
‐‐ 
35 
‐‐ 
Ω 
VGS = 0V,  ID = 1mA 
  
 
 
 
 
 
LSJ309 DYNAMIC ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNIT 
CONDITIONS 
gfs 
Forward Transconductance 
10 
14 
‐‐ 
mS 
VDS = 10V,   ID = 10mA , f = 1kHz 
gos 
Output Conductance 
‐‐ 
110 
250 
µS 
Ciss 
Input Capacitance 
‐‐ 
4 
5 
pF 
VDS = 10V,   VGS = ‐10V , f = 1MHz  
Crss 
Reverse Transfer Capacitance 
‐‐ 
1.9 
2.5 
en 
Equivalent Noise Voltage 
6 
‐‐ 
‐‐ 
nV/√Hz 
VDS = 10V,    ID = 10mA ,  f = 100Hz 
  
 
 
 
 
 
LSJ309 HIGH FREQUENCY CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNIT 
CONDITIONS 
NF 
Noise Figure 
f = 105MHz 
‐‐ 
1.5 
‐‐ 
dB  
 
 
 
VDS = 10V,    ID = 10mA 
f = 450MHz 
‐‐ 
2.7 
‐‐ 
dB 
Gpg 
Power Gain
3 
f = 105MHz 
‐‐ 
16 
‐‐ 
 
f = 450MHz 
‐‐ 
11.5 
‐‐ 
 
gfg 
Forward Transconductance 
f = 105MHz 
‐‐ 
14 
‐‐ 
 
 
mS 
f = 450MHz 
‐‐ 
13 
‐‐ 
gog 
Output Conductance 
f = 105MHz 
‐‐ 
0.16 
‐‐ 
f = 450MHz 
‐‐ 
0.55 
‐‐ 
  
 
  
 
  
 
  
 
  
 
LSJ309
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix J309
The LSJ309 is a high frequency n-channel JFET
offering a wide range and low noise performance. The
TO-92 package is well suited for cost sensitive
applications and mass production.
(See Packaging Information).
LSJ309 Applications:
UHV / VHF Amplifiers
Mixers
Oscillators
LSJ309 Benefits:
High Power Low Noise gain
Dynamic Range greater than 100dB
Easily matched to 75Ω input
Micross Components Europe
Available Packages:
LSJ309 in TO-92
LSJ309 in bare die.
Please contact Micross for full
package and die dimensions
Note 1 ‐ Absolute maximum ratings are limiting values above which LSJ309 serviceability may be impaired.  
Note 2 ‐ Pulse test : PW ≤ 300µs, Duty Cycle ≤ 3% 
Note 3 ‐ Measured at optimum input noise match 
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-92 (Bottom View)


Similar Part No. - LSJ309_TO-92

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ309_SOT-23 MICROSS-LSJ309_SOT-23 Datasheet
292Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LSJ309_TO-92

ManufacturerPart #DatasheetDescription
logo
Micross Components
J210_TO-92 MICROSS-J210_TO-92 Datasheet
278Kb / 1P
N-CHANNEL JFET
J212_TO-92 MICROSS-J212_TO-92 Datasheet
277Kb / 1P
N-CHANNEL JFET
LS5906_SOT-23 MICROSS-LS5906_SOT-23 Datasheet
280Kb / 1P
N-CHANNEL JFET
LS5907_TO-71 MICROSS-LS5907_TO-71 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5908_TO-78 MICROSS-LS5908_TO-78 Datasheet
292Kb / 1P
N-CHANNEL JFET
LS5909_PDIP MICROSS-LS5909_PDIP Datasheet
282Kb / 1P
N-CHANNEL JFET
LS5909_TO-78 MICROSS-LS5909_TO-78 Datasheet
291Kb / 1P
N-CHANNEL JFET
LS5912_SOT-23 MICROSS-LS5912_SOT-23 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912C_TO-71 MICROSS-LS5912C_TO-71 Datasheet
281Kb / 1P
N-CHANNEL JFET
LSJ108_SOT-23 MICROSS-LSJ108_SOT-23 Datasheet
289Kb / 1P
N-CHANNEL JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com