Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP16301 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP16301
Description  High Voltage Input Integrated Switch Step-Down Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16301 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP16301 Datasheet HTML 3Page - Microchip Technology MCP16301 Datasheet HTML 4Page - Microchip Technology MCP16301 Datasheet HTML 5Page - Microchip Technology MCP16301 Datasheet HTML 6Page - Microchip Technology MCP16301 Datasheet HTML 7Page - Microchip Technology MCP16301 Datasheet HTML 8Page - Microchip Technology MCP16301 Datasheet HTML 9Page - Microchip Technology MCP16301 Datasheet HTML 10Page - Microchip Technology MCP16301 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2011 Microchip Technology Inc.
DS25004A-page 7
MCP16301
Note: Unless otherwise indicated, V
IN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 200 mA,
TA = +25°C.
FIGURE 2-13:
EN Threshold Voltage vs.
Temperature.
FIGURE 2-14:
Light Load Switching
Waveforms.
FIGURE 2-15:
Heavy Load Switching
Waveforms.
FIGURE 2-16:
Typical Minimum Input
Voltage vs. Output Current.
FIGURE 2-17:
Startup From Enable.
FIGURE 2-18:
Startup From VIN.
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
-40 -25 -10
5
20
35
50
65
80
Ambient Temperature (°C)
VIN = 12V
IOUT = 100 mA
VOUT = 3.3V
VOUT = 3.3V
IOUT = 50 mA
VIN = 12V
VOUT
20 mV/DIV
AC coupled
VSW
5V/DIV
IL
100 mA/DIV
1 µs/DIV
VOUT = 3.3V
IOUT = 600 mA
VIN = 12V
1 µs/DIV
VOUT =
20 mV/DIV
AC coupled
VSW =
5V/DIV
IL =
20 mA/DIV
3.20
3.50
3.80
4.10
4.40
4.70
5.00
1
10
100
1000
IOUT (mA)
To Start
To Run
VOUT = 3.3V
IOUT = 100 mA
VIN = 12V
VOUT
2V/DIV
100 µs/
VOUT
2V/DIV
100 µs/DIV
VEN
2V/DIV
VOUT = 3.3V
IOUT = 100 mA
VIN = 12V
VOUT
1V/DIV
VIN
5V/DIV
100 µs/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com