Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS515 Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 22Page - Microchip Technology HCS515 Datasheet HTML 23Page - Microchip Technology HCS515 Datasheet HTML 24Page - Microchip Technology HCS515 Datasheet HTML 25Page - Microchip Technology HCS515 Datasheet HTML 26Page - Microchip Technology HCS515 Datasheet HTML 27Page - Microchip Technology HCS515 Datasheet HTML 28Page - Microchip Technology HCS515 Datasheet HTML 29Page - Microchip Technology HCS515 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
HCS515
DS40183E-page 26
© 2011 Microchip Technology Inc.
9.1.4
WRITE TO USER EEPROM COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TWR
Write command activation time
20
—
1000
μs
TACK
EEPROM write acknowledge time
—
—
10
ms
TRESP
Microcontroller acknowledge
response time
20
—
1000
μs
TACK2
Decoder response
acknowledge time
——
10
μs
Note:
These parameters are characterized but not tested.
9.1.5
ERASE ALL COMMAND
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TERA
Learn command activation time
20
—
1000
μs
TACK
Decoder acknowledge time
20
—
210
ms
TRESP
Microcontroller acknowledge
response time
20
—
1000
μs
TACK2
Decoder data line low
—
—
10
μs
Note:
These parameters are characterized but not tested.
9.1.6
ACTIVATE LEARN COMMAND IN MICRO MODE
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70 °C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TLRN
Learn command activation time
20
—
1000
μs
TACK
Decoder acknowledge time
—
—
20
μs
TRESP
Microcontroller acknowledge
response time
20
—
1000
μs
TACK2
Decoder data line low
—
—
10
μs
Note:
These parameters are characterized but not tested.
9.1.7
ACTIVATE LEARN COMMAND IN STAND-ALONE MODE
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
TREQ
Command request time
—
—
100
ms
TLRN
Learn command activation time
—
—
2
s
TERA
Erase-all command activation time
—
—
6
s
Note:
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com