Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS362 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS362
Description  KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS362 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS362 Datasheet HTML 6Page - Microchip Technology HCS362 Datasheet HTML 7Page - Microchip Technology HCS362 Datasheet HTML 8Page - Microchip Technology HCS362 Datasheet HTML 9Page - Microchip Technology HCS362 Datasheet HTML 10Page - Microchip Technology HCS362 Datasheet HTML 11Page - Microchip Technology HCS362 Datasheet HTML 12Page - Microchip Technology HCS362 Datasheet HTML 13Page - Microchip Technology HCS362 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
HCS362
DS40189E-page 10
© 2011 Microchip Technology Inc.
3.1.1
CODE HOPPING DATA
The hopping portion is calculated by encrypting the
counter, discrimination value and function code with the
Encoder Key (KEY). The counter is a 16-bit counter.
The discrimination value is 10 bits long and there are 2
counter overflow bits (OVR) that are cleared when the
counter wraps to 0. The rest of the 32 bits are made up
of the function code also known as the button inputs.
3.1.2
FIXED CODE DATA
The 32 bits of fixed code consist of 28 bits of the serial
number (SER) and another copy of the function code.
This can be changed to contain the whole 32-bit serial
number with the Extended Serial Number (XSER) con-
figuration option.
3.1.3
STATUS INFORMATION
The status bits will always contain the output of the Low
Voltage detector (VLOW), the Cyclic Redundancy
Check (CRC) bits (or TIME bits depending on CTSEL)
and the Button Queue information.
3.1.3.1
Low Voltage Detector Status (VLOW)
The output of the low voltage detector is transmitted
with each code word. If VDD drops below the selected
voltage, a logic ‘1’ will be transmitted. The output of the
detector is sampled before each code word is transmit-
ted.
3.1.3.2
Button Queue Information (QUEUE)
The queue bits indicate a button combination was
pressed again within 2 s after releasing the previous
activation. Queuing or repeated pressing of the same
buttons (or button combination) is detected by the
HCS362 button debouncing circuitry.
The Queue bits are added as the last two bits of the
standard code word. The queue bits are a 2-bit counter
that does not wrap. The counter value starts at ‘00b’
and is incremented, if a button is pushed within 2 s of
the previous button press. The current code word is ter-
minated when the buttons are queued. This allows
additional functionality for repeated button presses.
The button inputs are sampled every 6.4 ms during this
2 s period.
00
- first activation
01
- second activation
10
- third activation
11
- from fourth activation on
3.1.3.3
Cyclic Redundancy Check (CRC)
The CRC bits are calculated on the 65 previously trans-
mitted bits. The decoder can use the CRC bits to check
the data integrity before processing starts. The CRC
can detect all single bit errors and 66% of double bit
errors. The CRC is computed as follows:
EQUATION 3-1:
CRC Calculation
and
with
and Din the nth transmission bit 0 ≤n ≤64
Note:
The CRC may be wrong when the bat-
tery voltage is around either of the
VLOW trip points. This may happen
because VLOW is sampled twice each
transmission, once for the CRC calcu-
lation (PWM is LOW) and once when
VLOW is transmitted (PWM is HIGH).
VDD tends to move slightly during a
transmission which could lead to a dif-
ferent value for VLOW being used for
the CRC calculation and the transmis-
sion.
Work around: If the CRC is incorrect,
recalculate for the opposite value of
VLOW.
CRC 1
[]n1
+
CRC 0
[]n Din
⊕
=
CRC 0
[]n1
+
CRC 0
[]n Din
⊕
()
CRC 1
[]n
⊕
=
CRC 1 0
,
[]0
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com