Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS320 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS320 Datasheet HTML 6Page - Microchip Technology HCS320 Datasheet HTML 7Page - Microchip Technology HCS320 Datasheet HTML 8Page - Microchip Technology HCS320 Datasheet HTML 9Page - Microchip Technology HCS320 Datasheet HTML 10Page - Microchip Technology HCS320 Datasheet HTML 11Page - Microchip Technology HCS320 Datasheet HTML 12Page - Microchip Technology HCS320 Datasheet HTML 13Page - Microchip Technology HCS320 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
HCS320
DS41097D-page 10
© 2011 Microchip Technology Inc.
4.3
Synchronous Transmission Mode
Synchronous Transmission mode can be used to clock
the code word out using an external clock.
To enter Synchronous Transmission mode, the Pro-
gramming mode start-up sequence must be executed
as shown in Figure 4-3. If either S1 or S0 is set on the
falling edge of S2, the device enters Synchronous
Transmission mode. In this mode, it functions as a nor-
mal transmitter, with the exception that the timing of the
PWM data string is controlled externally and 16 extra
bits are transmitted at the end with the code word.
The button code will be the S0, S1 value at the falling
edge of S2. The timing of the PWM data string is con-
trolled by supplying a clock on S2 and should not
exceed 20 kHz. The code word is the same as in PWM
mode with 16 reserved bits at the end of the word. The
reserved bits can be ignored. When in Synchronous
Transmission mode S2 should not be toggled until all
internal processing has been completed as shown in
Figure 4-4.
FIGURE 4-3:
SYNCHRONOUS TRANSMISSION MODE
FIGURE 4-4:
CODE WORD ORGANIZATION (SYNCHRONOUS TRANSMISSION MODE)
“01,10,11”
PWM
S2
S[1:0]
TPS TPH1 TPH2
t = 50ms
Preamble
Header
Data
Reserved
(16 bits)
Padding
(2 bits)
Function
Code
(4-bit)
Serial Number
(28 bits)
Function
Code
(4-bit)
DISC+ OVR
(12 bits)
Sync Counter
(16 bits)
82 Data bits
Transmitted
LSb first.
LSb
MSb
Fixed Portion
Encrypted Portion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com