Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39VF1601C Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST39VF1601C
Description  16 Mbit (x16) Multi-Purpose Flash Plus
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF1601C Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST39VF1601C Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39VF1601C Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
©2011 Silicon Storage Technology, Inc.
DS-25018A
05/11
13
16 Mbit Multi-Purpose Flash Plus
SST39VF1601C / SST39VF1602C
Data Sheet
A Microchip Technology Company
Product Identification Mode Exit/CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited.
Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to
the Read mode. This command may also be used to reset the device to the Read mode after any inad-
vertent transient condition that apparently causes the device to behave abnormally, e.g., not read cor-
rectly. Please note that the Software ID Exit/CFI Exit command is ignored during an internal Program
or Erase operation. See Table 7 for software command codes, Figure 16 for timing waveform, and Fig-
ure 25 for flowcharts.
Security ID
The SST39VF1601C/1602C devices offer a 136 Word Security ID space. The Secure ID space is
divided into two segments—one factory programmed segment and one user programmed segment.
The first segment is programmed and locked at SST with a random 128-bit number. The user segment,
with a 128 word space, is left un-programmed for the customer to program as desired.
To program the user segment of the Security ID, the user must use the Security ID Word-Program
command. To detect end-of-write for the SEC ID, read the toggle bits. Do not use Data# Polling. Once
this is complete, the Sec ID should be locked using the User Sec ID Program Lock-Out. This disables
any future corruption of this space. Note that regardless of whether or not the Sec ID is locked, neither
Sec ID segment can be erased.
The Secure ID space can be queried by executing a three-byte command sequence with Enter Sec ID
command (88H) at address 555H in the last byte sequence. To exit this mode, the Exit Sec ID com-
mand should be executed. Refer to Table 7 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com