Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSR1045G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1045G
Description  SURFACE MOUNT SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1045G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1045G Datasheet HTML 1Page - Solid States Devices, Inc SSR1045G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0127B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SSR 10 45 G __
Screening2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
G = Cerpack
Voltage
45 = 45 V
Current
10 = 10 A
SSR1045G
10 AMP
SURFACE MOUNT
SCHOTTKY RECTIFIER
45 VOLTS
FEATURES:
 Low reverse leakage
 Low forward voltage drop
 Hermetically sealed surface mount package
 Guard ring for overvoltage protection
 Eutectic die attach
 175ºC operating temperature
 Available in higher voltages up to 200V –
consult factory
 Custom lead forming available
 TX, TXV, and S level screening available -
consult factory
2/
MAXIMUM RATINGS3/
Symbol
Value
Unit
Peak Repetitive Reverse and
DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TA = 25ºC)
IO
10
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to reach
equilibrium between pulses, TA = 25ºC)
IFSM
150
Amps
Operating & Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
RθJC
1.0
oC/W
NOTES:
CERPACK (G)
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.


Similar Part No. - SSR1045G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1045G SSDI-SSR1045G Datasheet
193Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFER
More results

Similar Description - SSR1045G

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com