Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1.5KPS16 Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # ST1.5KPS16
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST1.5KPS16 Datasheet(HTML) 4 Page - Solid States Devices, Inc

  ST1.5KPS16 Datasheet HTML 1Page - Solid States Devices, Inc ST1.5KPS16 Datasheet HTML 2Page - Solid States Devices, Inc ST1.5KPS16 Datasheet HTML 3Page - Solid States Devices, Inc ST1.5KPS16 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00028C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST1.5KPS6.8 thru ST1.5KPS440
and
ST1.5KPB6.8 thru ST1.5KPB440
FIGURE 1
DIMENSIONS
DIM
MIN
MAX
A
0.190”
0.210”
B
0.355”
0.385”
C
1.00”
––
D
0.038”
0.042”
C
B
C
ØA
ØD
FIGURE 2
FIGURE 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com