Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX28AEC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 16Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 17Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
18
Freescale Semiconductor
3.1.6
Supply Power-Up/Power-Down Requirements
There is no special power-up sequence. After applying 5 V or battery in any order, the rest of the power
supplies are internally generated and automatically come up in a safe way.
There is no special power-down sequence. 5 V or the battery can be removed at any time.
3.1.7
Reset Timing
Because the i.MX28 is a PMU and an SoC, power-on reset is generated internally and there is no timing
requirement on external pins.
The i.MX28 can be reset by asserting the external pin RESETN for at least 100 mS and later deasserting
RESETN.
If the reset occurs while the device is only powered by the battery, then the reset kills all of the power
supplies and the system reboots on the assertion of PSWITCH. If auto-restart is set up ahead of time, the
system reboots immediately.
If the chip is powered by 5 V, then the reset serves to reset the digital sections of the chip. If the DCDC is
operating at the time of the reset, then power switches back to the default linear regulators powered by 5 V.
Figure 2. RESETN Timing
3.2
Thermal Characteristics
The thermal resistance characteristics for the device are given in Table 22. These values are measured
under the following conditions:
•
Two layer Substrate
•
Substrate solder mask thickness: 0.025 mm
•
Substrate metal thicknesses: 0.016 mm
•
Substrate core thickness: 0.160 mm
OSC32K
On
On
On
DCDC
Off
On
On
RTC
On
On
On
Other Modules
Off
On/Off
On/Off
Table 21. Power Mode Settings (continued)
Core/Clock/Module
Deep-Sleep
Standby
Run
RESETN
At least 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com