Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCIMX535DVV1C Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PCIMX535DVV1C
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX535DVV1C Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PCIMX535DVV1C Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 46Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 47Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 48Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 49Page - Freescale Semiconductor, Inc PCIMX535DVV1C Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
46
Freescale Semiconductor
Electrical Characteristics
4.6
System Modules Timing
This section contains the timing and electrical parameters for the modules in the i.MX53xD processor.
4.6.1
Reset Timings Parameters
Figure 8 shows the reset timing and Table 31 lists the timing parameters.
Figure 8. Reset Timing Diagram
4.6.2
WDOG Reset Timing Parameters
Figure 9 shows the WDOG reset timing and Table 32 lists the timing parameters.
Figure 9. WATCHDOG_RST Timing Diagram
NOTE
CKIL is approximately 32 kHz. TCKIL is one period or approximately 30 μs.
4.6.3
Clock Amplifier Parameters (CKIH1, CKIH2)
The input to Clock Amplifier (CAMP) is internally ac-coupled allowing direct interface to a square wave
or sinusoidal frequency source. No external series capacitors are required.
Table 31. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of RESET_IN to be qualified as valid (input slope = 5 ns)
50
—
ns
Table 32. WATCHDOG_RST Timing Parameters
ID
Parameter
Min
Max
Unit
CC5
Duration of WATCHDOG_RESET Assertion
1
—
TCKIL
RESET_IN
CC1
(Input)
WATCHDOG_RST
CC5
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com