Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M5XMEC1E Datasheet(PDF) 2 Page - OptoSupply International

Part # M5XMEC1E
Description  12PCS Xeon 1 Power LED With aluminum base PCB Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

M5XMEC1E Datasheet(HTML) 2 Page - OptoSupply International

  M5XMEC1E Datasheet HTML 1Page - OptoSupply International M5XMEC1E Datasheet HTML 2Page - OptoSupply International M5XMEC1E Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.optosupply.com
VER 1.0
2
Device Selection Guide
1
Module No.
Color
Wavelength
(Typ.)
Overall luminous flux
R5XME1C1E
Red
625 nm
600lm
G5XME1C1E
Green
525 nm
900lm
B5XME1C1E
Blue
470 nm
180lm
Y5XME1C1E
Yellow
590 nm
600lm
M5XMEC1E
Warm White
X=0.45. Y=0.41
900lm
W4XME1C1E
Pure White
X=0.31,Y=0.33
1200lm
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
13
V
Input Current (DC)
Ii
1.6
A
Power Dissipation
Pa
16.8
W
Operating Temperature
Tope
-25 ~ +60
DegC
Storage Temperature
Tstg
-40~ +80
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
Input Voltage(DC)
Vi
-
12
13
V
Product Input Current
If
-
1.4
1.6
A
Power Dissipation
Pa
16.8
20.8
W
Beam Pattern
BP
-
120
-
Deg
LED Quantity
QTY
12
PCS
Size of PCB
Lmod.
-
570*20*1.6
-
mm
Net Weight
Wei.
---
9.5
---
g
Model No.
OSMC57I12GP -
XXXME1C1E
REV.
C5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com