Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SZ1A39 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SZ1A39
Description  3.3 ??100 VOLTS ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SZ1A39 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SZ1A39 Datasheet HTML 1Page - Solid States Devices, Inc SZ1A39 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
Axial Lead Rated at 1 Watt
Surface Mount Rated at 1.5 Watts
Available in Axial (__), Round Tab Surface Mount (SM)
and Square Tab Surface Mount (SMS) Versions
Available to TX, TXV, and Space Levels
5/
Available in 10% and 5% Tolerances. For other Voltage
Tolerances, Contact Factory.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
Maximum Ratings
Symbol
Value
Units
Nominal Zener Voltage
VZ
3.3 - 100
V
Forward Surge Current
8.3 msec pulse
IZSM
45 - 1380
mA
Zener Current
Axial
SM, SMS
IZM
11 - 276
16.5 – 414
mA
Continuous Power
Axial
SM, SMS
PD
1.0
1.5
W
Operating and Storage Temp.
Top,
Tstg
-65 to +175
ºC
Thermal Resistance,
Junction to Lead, L=3/8” (for Axial)
Junction to End Cap (for SM, SMS)
Junction to Ambient (for All)
RθJL
RθJE
RθJA
125
83.3
150
ºC/W
Part Number/Ordering Information 4/
SZ1
__
__
__ __
└
Screening 5/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level (for SM, use –S)
│
│
│
│
└ Package Type 3/
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
└
Voltage/Family
3.3 thru 100 = 3.3V thru 100V,
See Table on Page 2
│
│
│
│
│
│
│
│
│
│
│
└
Voltage Tolerance
A = 10% Voltage Tolerance
B = 5% Voltage Tolerance
SZ1A3.3
thru
SZ1A100
1.0W and 1.5W
3.3 – 100 VOLTS
ZENER DIODES
DIM
MIN.
MAX
A
.080”
.107”
B
.145”
.205”
C
1.00”
---
D
.028”
.034”
AXIAL (__)
All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.084”
.102”
B
.189”
.205”
C
.010”
.022”
D
Body to Tab Clearance: .001”
ROUND TAB (SM) All dimensions are prior to soldering
DIM
MIN.
MAX.
A
.125”
.135”
B
.195”
.260”
C
.023”
.027”
D
Body to Tab Clearance: .001”
SQUARE TAB (SMS) All dimensions are prior to soldering
DATA SHEET #: Z00003G
DOC


Similar Part No. - SZ1A39

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
More results

Similar Description - SZ1A39

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5333B MOTOROLA-1N5333B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Micro Commercial Compon...
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
1.0 Watt Zener Diode 3.3 to 100 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
1 Watt Zener Diode 3.3 to 100 Volts
logo
Solid States Devices, I...
SZ1A3.3 SSDI-SZ1A3.3 Datasheet
111Kb / 2P
1.0W and 1.5W 3.3 - 100 VOLTS ZENER DIODES
SZN4460 SSDI-SZN4460 Datasheet
125Kb / 2P
3.3 ??200 VOLTS ZENER DIODES
SZN5913 SSDI-SZN5913 Datasheet
118Kb / 2P
3.3 ??200 VOLTS ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5333A NJSEMI-1N5333A Datasheet
204Kb / 1P
5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Solid States Devices, I...
Z00008G SSDI-Z00008G Datasheet
125Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
Z00012C SSDI-Z00012C Datasheet
118Kb / 2P
1.5 WATT 3.3 ??200 VOLTS ZENER DIODES
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com