Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM1168ASTZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1168ASTZ Datasheet HTML 3Page - Analog Devices ADM1168ASTZ Datasheet HTML 4Page - Analog Devices ADM1168ASTZ Datasheet HTML 5Page - Analog Devices ADM1168ASTZ Datasheet HTML 6Page - Analog Devices ADM1168ASTZ Datasheet HTML 7Page - Analog Devices ADM1168ASTZ Datasheet HTML 8Page - Analog Devices ADM1168ASTZ Datasheet HTML 9Page - Analog Devices ADM1168ASTZ Datasheet HTML 10Page - Analog Devices ADM1168ASTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADM1168
Rev. 0 | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT.
DO NOT CONNECT TO THIS PIN.
12
25
32
8
9
17
16
4
VX1
VX2
VX3
VX4
VP1
VP2
VP3
VH
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
PDO7
PDO8
PIN 1
INDICATOR
ADM1168
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 4
VX1 to VX4
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to 1.375 V.
Alternatively, these pins can be used as general-purpose digital inputs.
5 to 7
VP1 to VP3
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to these pins, the output of which connects to a supply fault detector.
These pins allow thresholds from 2.5 V to 6 V, from 1.25 V to 3 V, and from 0.573 V to 1.375 V.
8
VH
High Voltage Input to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to this pin, the output of which connects to a supply fault detector.
This pin allows thresholds from 6 V to 14.4 V and from 2.5 V to 6 V.
9
AGND1
Ground Return for Input Attenuators.
10
REFGND1
Ground Return for On-Chip Reference Circuits.
11, 13 to 16
NC
No Connect.
12
REFOUT
Reference Output, 2.048 V. Note that a capacitor must always be connected between this pin and REFGND.
A 10 μF capacitor is recommended for this purpose.
17 to 24
PDO8 to PDO1
Programmable Output Drivers.
25
PDOGND1
Ground Return for Output Drivers.
26
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin and
GND. A 10 μF capacitor is recommended for this purpose.
27
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
28
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
29
SCL
SMBus Clock Pin. Bidirectional open drain requires external resistive pull-up.
30
SDA
SMBus Data Pin. Bidirectional open drain requires external resistive pull-up.
31
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VPx and VH pins to a typical of 4.75 V.
A capacitor must be connected between this pin and GND. A 10 μF capacitor is recommended for
this purpose.
32
GND1
Supply Ground.
1 In a typical application, all ground pins are connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com