Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8262-2E Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # TLE8262-2E
Description  Universal System Basis Chip
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262-2E Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button TLE8262-2E Datasheet HTML 72Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 73Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 74Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 75Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 76Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 77Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 78Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 79Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Data Sheet
76
Rev. 1.0, 2009-05-26
TLE8262-2E
Serial Peripheral Interface
15.5.2.2 Interrupt Register Encoder
Table 16 lists all interrupts the SBC can generates. The microcontroller should read the correct register to release
the INT pin. By default, all interrupt sources are enabled. The microcontroller can decide to inhibit a specific
interrupt source.
Table 16
Interrupt Register encoder 1)
CS
Bit Name
Default
Value
(INPUT)
Default
Value
(OUT)
Data Input
Data Output
Configuration select 000 (Wake register interrupt)
000
WK CAN
1
0
Interrupt enabled (1) disabled
(0) for wake event on CAN
Wake on CAN (1)
WKLINx
1
0
Interrupt enabled (1) disabled
(0) for wake event on LIN
Wake on LINx (1)
WK 1 WK pin
WK 0 WK pin
11
00
Interrupt enabled (1) disabled
(0) for wake pin event.
00 No interrupt
10 Interrupt for a LOW to HIGH
transition on WK
01 Interrupt for HIGH to LOW
transition on WK
11 Interrupt for both HIGH to
LOW and LOW to HIGH on WK
Wake on WK pin
00 No wake
10 Interrupt for a LOW to HIGH
transition on WK
01 Interrupt for HIGH to LOW
transition on WK
11 Interrupt for both HIGH to
LOW and LOW to HIGH on WK
Cyclic WK
n.a
0
n.a
Cyclic WK (1)
INT
n.a
0
n.a
Indicates that there is a status
bit or uncleared event in
configuration select 001 and/or
010. If set read the two register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com