Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4906-2K Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4906-2K
Description  High Precision Hall-Effect Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906-2K Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4906-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 15Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Datasheet
10
Rev 1.0, 2010-12
TLE4906-2K
Specification
3.3
Electrical and Magnetic Characteristics
Product characteristics involve the spread of values guaranteed within the specified voltage and ambient
temperature range. Typical characteristics are the median of the production.
Calculation of the ambient temperature:
e.g. for VDD = 12.0V, IDDtyp = 4mA, VQSATtyp = 0.3V and IQ = 20mA
Power dissipation PDIS = 54.0mW
In TA = Tj - (RthJA x PDIS) = 175°C - (100K/W x 0.054W)
Resulting max. ambient temperature: TA = 169.6°C
Table 5
General Electrical Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VDD = 12V and TA = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current
IDD
24
6
mA
VDD = 2.7V ... 18V
Reverse current
ISR
00.2
1
mA
VDD = -18V
Output saturation voltage
VQSAT
-0.3
0.6
V
IQ = 20mA
Output leakage current
IQLEAK
-0.05
10
µA
for VQ = 18V
Output fall time
tf
-0.02
1
µs
RQ = 1.2kΩ; CQ = 50pF
see Figure 3
Output rise time
tr
-0.4
1
µs
Chopper frequency
fOSC
-320
-
kHz
Switching frequency
fSW
0-
152)
2) To operate the sensor at the max. switching frequency, the value of the magnetic signal amplitude must be 1.4 times higher
than for static fields. This is due to the -3dB corner frequency of the low pass filter in the signal path.
kHz
Delay time3)
3) Systematic delay between magnetic threshold reached and output switching.
td
-13
-
µs
Output jitter4)
4) Jitter is the unpredictable deviation of the output switching delay.
tQJ
-1
-
µsRMS typical value for square wave
signal with 1kHz
Power-on time5)
5) Time from applying VDD ≥ 2.7V to the sensor until the output state is valid.
tPON
-13
-
µs
VDD ≥ 2.7V
Thermal resistance6)
6) Thermal resistance from junction to ambient.
RthJA
-100
-
K/W
SC59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com