| Electronic Components Datasheet Search |
|
TLE7239SL Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7239SL Datasheet(HTML) 3 Page - Infineon Technologies AG |
|
3 / 37 page ![]() PG-SSOP-24-5 Type Package Marking TLE7239SL PG-SSOP-24-5 TLE7239SL Data Sheet 3 Rev. 1.0, 2010-02-18 SPI Driver for Enhanced Relay Control TLE7239SL TLE7239SL 1 Overview Features • 8 bit SPI for diagnostics and control, providing daisy chain capability • Very wide range for digital supply voltage • Two configurable input pins offer complete flexibility for PWM operation • Stable behavior at under voltage • Green Product (RoHS compliant) •AEC Qualified Description The TLE7239SL is an eight channel high-side and low-side power switch in PG-SSOP-24-5 package providing embedded protective functions. It is especially designed for standard relays and LEDs in automotive applications. The output stages incorporate two low-side, four high-side and two auto configuring high-side or low-side switches. A serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the load. For direct control, there are two input pins available. The TLE7239SL provides a micro controller fail-safe function which is activated via a high signal at the limp home input pin. There is a power supply integrated in the device to ensure this functionality even without digital supply voltage. The integrated power supply is designed to fulfill cranking mode requirements. The power transistors are built by N-channel power MOSFETs. The device is monolithically integrated in Smart Power Technology. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |