Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8250GVIO Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8250GVIO
Description  High Speed CAN-Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250GVIO Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE8250GVIO Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLE8250GVIO
Functional Description
Data Sheet
7
Rev. 1.0, 2010-09-03
The TLE8250GVIO is a High Speed CAN transceiver, operating as an interface between the CAN controller and
the physical bus medium. A HS CAN network is a two wire, differential network which allows data transmission
rates up to 1 MBaud. Characteristic for a HS CAN network are the two signal states on the CAN bus: “Dominant”
and “Recessive” (see Figure 3).
The pins CANH and CANL are the interface to the CAN bus and both pins operate as a input and as an output.
The pins RxD and TxD are the interface to the microcontroller. The pin TxD is the serial data input from the CAN
controller, the pin RxD is the serial data output to the CAN controller. As shown in Figure 1, the HS CAN
transceiver TLE8250GVIO has a receive and a transmit unit, allowing the transceiver to send data to the bus
medium and monitor the data from the bus medium at the same time. The HS CAN transceiver TLE8250GVIO
converts the serial data stream available on the transmit data input TxD, into a differential output signal on
CAN bus, provided by the pins CANH and CANL. The receiver stage of the TLE8250GVIO monitors the data on
the CAN bus and converts them to a serial, single ended signal on the RxD output pin. A logical “Low” signal on
the TxD pin creates a “Dominant” signal on the CAN bus, followed by a logical “Low” signal on the RxD pin (see
Figure 3). The feature, broadcasting data to the CAN bus and listening to the data traffic on the CAN bus
simultaneous is essential to support the bit to bit arbitration inside CAN networks.
The voltage levels for HS CAN transceivers are defined by the ISO 11898-2 and the ISO 11898-5 standards. If a
data bit is “Dominant” or “Recessive” depends on the voltage difference between pins CANH and CANL:
V
DIFF = VCANH - VCANL.
In comparison to other differential network protocols the differential signal on a CAN network can only be larger or
equal to 0 V. To transmit a “Dominant” signal to the CAN bus the differential signal
V
DIFF is larger or equal to 1.5 V.
To receive a “Recessive” signal from the CAN bus the differential
V
DIFF is smaller or equal to 0.5 V.
Partially supplied CAN networks are networks where the CAN bus participants have different power supply
conditions. Some nodes are connected to the power supply, some other nodes are disconnected from the power
supply. Regardless, if the CAN bus participant is supplied or not supplied, each participant connected to the
common bus media must not disturb the communication. The TLE8250GVIO is designed to support partially
supplied networks. In Power Down mode, the receiver input resistors are switched off and the transceiver input is
high resistive.
The voltage level on the digital input TxD and the digital output RxD is determined by the power supply level at the
pin
V
IO. Depending on voltage level at the VIO pin, the signal levels on the logic pins (NEN, TxD and RxD) are
compatible to microcontrollers with 5 V or 3.3 V I/O supply. Usually the
V
IO power supply of the transceiver is
connected to same power supply as I/O power supply of the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com