Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D1213 Datasheet(PDF) 3 Page - Seme LAB

Part # D1213
Description  METAL GATE RF SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D1213 Datasheet(HTML) 3 Page - Seme LAB

  D1213 Datasheet HTML 1Page - Seme LAB D1213 Datasheet HTML 2Page - Seme LAB D1213 Datasheet HTML 3Page - Seme LAB D1213 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3 – IMD vs. Output Power.
D1213UK
Prelim. 7/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
0
20
40
60
80
100
Drain Efficiency
%
0
0.5
1
1.5
2
2.5
Pin W
Pout
Drain Efficiency
0
2
4
6
8
10
Pout
W
f = 500MHz
Idq = 0.5A
Vds = 7.2V
0
2
4
6
8
10
Pout
W
0
0.5
1
1.5
2
2.5
Pin W
f = 500MHz
Idq = 0.5A
Vds = 7.2V
6
7
8
9
10
11
6
7
8
9
10
11
Gain
dB
Pout
Gain
f1 = 500.0 MHz
f2 = 500.1 MHz
Vds = 7.2V
Idq = 0.5A
-45
-40
-35
-30
-25
-20
-15
IMD3
dBc
02
4
6
8
10
Pout W PEP
Figure 1 – Power Output and Efficiency
vs. Power Input.
Figure 2 – Power Output & Gain
vs. Power Input.
D1213UK
OPTIMUM SOURCE AND LOAD IMPEDANCE
Frequency
ZS
ZL
MHz
ΩΩ
500
2.3 - j0.4 2.1 - j1.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com