Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N6770 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N6770
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6770 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N6770 Datasheet HTML 1Page - Microsemi Corporation 2N6770 Datasheet HTML 2Page - Microsemi Corporation 2N6770 Datasheet HTML 3Page - Microsemi Corporation 2N6770 Datasheet HTML 4Page - Microsemi Corporation 2N6770 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0101 Rev. 2 (101484)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. These dimensions shall be measured at points .050 inch (1.27 mm) and .055 inch (1.40 mm) below the seating plane. When
gauge is not used, measurement will be made at the seating plane.
4. The seating plane of the header shall be flat within .001 inch (0.03 mm) concave to .004 inch (0.10 mm) convex inside a
.930 inch (23.62 mm) diameter circle on the center of the header and flat within .001 inch (0.03 mm) concave to .006 inch
(0.15 mm) convex overall.
5. These dimensions pertain to the 2N6764 and 2N6766 types.
6. These dimensions pertain to the 2N6768 and 2N6770 types.
7. Mounting holes shall be deburred on the seating plane side.
8. Drain is electrically connected to the case.
9. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 1. Physical dimensions of transistor types 2N6764 and 2N6766 TO-204AE;
for types 2N6768 and 2N6770, TO-204AA
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.875
22.23
CH
.250
.360
6.35
9.15
HR
.495
.525
12.57
13.3
HR1
.131
.188
3.33
4.78
HT
.060
.135
1.52
3.43
LD
.057
.063
1.45
1.60
5
.038
.043
0.97
1.10
6
LL
.312
.500
7.92
12.70
L1
.050
1.27
3
MHD
.151
.161
3.84
4.09
7
MHS
1.177
1.197
29.90
30.40
PS
.420
.440
10.67
11.18
PS1
.205
.225
5.21
5.72
S
.655
.675
16.64
17.15



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com